Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6562ATD Datasheet(PDF) 11 Page - STMicroelectronics

Part # L6562ATD
Description  Transition-mode PFC controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6562ATD Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L6562ATD Datasheet HTML 7Page - STMicroelectronics L6562ATD Datasheet HTML 8Page - STMicroelectronics L6562ATD Datasheet HTML 9Page - STMicroelectronics L6562ATD Datasheet HTML 10Page - STMicroelectronics L6562ATD Datasheet HTML 11Page - STMicroelectronics L6562ATD Datasheet HTML 12Page - STMicroelectronics L6562ATD Datasheet HTML 13Page - STMicroelectronics L6562ATD Datasheet HTML 14Page - STMicroelectronics L6562ATD Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
Typical electrical characteristic
L6562AT
11/25
Figure 15.
Gate-driver output low
saturation
Figure 16.
Gate-drive output high
saturation
Figure 17.
Gate-drive clamp vs TJ
Figure 18.
Output gate drive low
saturation vs TJ during UVLO
0.00
1.00
2.00
3.00
4.00
5.00
0
200
400
600
800
1000
I GD (mA)
Tj = 25 °C
Vcc = 12V
SINK
6.00
7.00
8.00
9.00
10.00
11.00
12.00
0
200
400
600
I GD (mA)
Tj = 25 °C
Vcc = 12V
SOURCE
12.5
12.75
13
13.25
13.5
-50
0
50
100
150
Tj (°C)
Vcc = 20V
0.5
0.6
0.7
0.8
0.9
1
1.1
-50
0
50
100
150
Tj (°C)
Isink = 2 mA
Vcc = 0V
Vcc = 11V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com