Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6562ATD Datasheet(PDF) 16 Page - STMicroelectronics

Part # L6562ATD
Description  Transition-mode PFC controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6562ATD Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L6562ATD Datasheet HTML 12Page - STMicroelectronics L6562ATD Datasheet HTML 13Page - STMicroelectronics L6562ATD Datasheet HTML 14Page - STMicroelectronics L6562ATD Datasheet HTML 15Page - STMicroelectronics L6562ATD Datasheet HTML 16Page - STMicroelectronics L6562ATD Datasheet HTML 17Page - STMicroelectronics L6562ATD Datasheet HTML 18Page - STMicroelectronics L6562ATD Datasheet HTML 19Page - STMicroelectronics L6562ATD Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
Application information
L6562AT
16/25
7.5
Comparison between the L6562AT and the L6562
The L6562AT is not a direct drop-in replacement of the L6562, even if both have the same
pin-out. One function (Disable) has been relocated.
Table 2 compares the two devices, i.e. those parameters that may result in different values
of the external components. The parameters that have the most significant impact on the
design, i.e. that definitely require external component changes when converting an L6562-
based design to the L6562AT, are highlighted in bold.
The lower value (-36%) for the clamp level of the current sense reference voltage allows the
use of a lower sense resistor for the same peak current, with a proportional reduction of the
associated power dissipation. Essentially, the advantage is the reduction of the power
dissipated in a single point (hotspot), which is a considerable benefit in applications where
heat removal is critical, e.g. in adapters enclosed in a sealed plastic case. The lower value
for the dynamic OVP triggering current allows the use of a higher resistance value (+48%)
for the upper resistor of the divider sensing the output voltage of the PFC stage (keeping the
same overvoltage level) with no significant increase of noise sensitivity. This reduction goes
in favor of standby consumption in applications required to comply with energy saving
regulations.
Table 6.
L6562AT vs L6562
Parameter
L6562
L6562AT
IC turn-on and turn-off thresholds (typ.)
12/9.5 V
12.5/10 V
Turn-off threshold spread (max.)
±0.8 V
±0.5 V
IC consumption before start-up (max.)
70 uA
60 uA
Multiplier gain (typ.)
0.6
0.38
Current sense reference clamp (typ.)
1.7 V
1.08 V
Current sense propagation delay (delay-to-output) (typ.)
200 ns
175 ns
Dynamic OVP triggering current (typ.)
40 µA
27 µA
ZCD arm/trigger/clamp thresholds (typ.)
2.1/1.4/0.7 V
1.4/0.7/0 V
Enable threshold (typ.)
0.3 V (1)
1.
Function located on pin 5 (ZCD)
0.45 V (2)
2.
Function located on pin 1 (INV)
Gate-driver internal drop (max.)
2.6 V
2.2 V
Leading-edge blanking on current sense
No
Yes
Reference voltage accuracy (overall)
2.4%
1.8%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com