Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6565N Datasheet(PDF) 6 Page - STMicroelectronics

Part # L6565N
Description  QUASI-RESONANT SMPS CONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6565N Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L6565N Datasheet HTML 2Page - STMicroelectronics L6565N Datasheet HTML 3Page - STMicroelectronics L6565N Datasheet HTML 4Page - STMicroelectronics L6565N Datasheet HTML 5Page - STMicroelectronics L6565N Datasheet HTML 6Page - STMicroelectronics L6565N Datasheet HTML 7Page - STMicroelectronics L6565N Datasheet HTML 8Page - STMicroelectronics L6565N Datasheet HTML 9Page - STMicroelectronics L6565N Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
L6565
6/17
Figure 7. Gate-drive output saturation
Figure 8. Gate-drive output saturation
Figure 9. IC consumption vs. temperature
Figure 10. Zener voltage at Vcc pin vs. Tj
Figure 11. Start-up timer period vs. Tj
Vpin7 [V]
0
100
200
300
400
500
0
0.5
1
1.5
2
2.5
IGD [mA]
Tj = 25 °C
Vcc = 14.5 V
SINK
Vpin7 [V]
0
100
200
300
400
500
-2.5
-2
-1.5
-1
-0.5
0
IGD [mA]
Tj = 25 °C
Vcc = 14.5 V
SOURCE
Vcc - 0.5
Vcc - 1.0
Vcc - 1.5
Vcc - 2.0
Vcc - 0.5
Vcc - 0.5
Icc [mA]
-50
0
50
100
150
0.02
0.05
0.1
0.2
0.5
1
2
5
Tj [°C]
Quiescent
Before Start-up
Vcc=12V
Vz [V]
-50
0
50
100
150
18
19
20
21
22
Tj [°C]
TSTART [µs]
-50
0
50
100
150
250
300
350
400
450
Tj [°C]
Vcc=12V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com