Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6565N Datasheet(PDF) 4 Page - STMicroelectronics

Part # L6565N
Description  QUASI-RESONANT SMPS CONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6565N Datasheet(HTML) 4 Page - STMicroelectronics

  L6565N Datasheet HTML 1Page - STMicroelectronics L6565N Datasheet HTML 2Page - STMicroelectronics L6565N Datasheet HTML 3Page - STMicroelectronics L6565N Datasheet HTML 4Page - STMicroelectronics L6565N Datasheet HTML 5Page - STMicroelectronics L6565N Datasheet HTML 6Page - STMicroelectronics L6565N Datasheet HTML 7Page - STMicroelectronics L6565N Datasheet HTML 8Page - STMicroelectronics L6565N Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
L6565
4/17
GV
Voltage Gain
Open loop
60
80
dB
GB
Gain-Bandwidth Product
1
MHz
ICOMP
Source Current
VCOMP = 4V, VINV = 2.4 V
-2
-3.5
-5
mA
Sink Current
VCOMP = 4V, VINV = 2.6 V
2.5
4.5
mA
VCOMP
Upper Clamp Voltage
ISOURCE = 0.5 mA
5
5.5
V
Lower Clamp Voltage
ISINK = 0.5 mA
2.25
2.55
V
CURRENT SENSE COMPARATOR
ICS
Input Bias Current
VCS = 0
-0.05
-1
µA
td(H-L)
Delay to Output
200
450
ns
VCSx
Current Sense Reference Clamp
VCOMP = Upper clamp, VVFF = 0V
1.28
1.4
1.5
V
VCOMP = Upper clamp, VVFF = 1.5V
0.62
0.7
0.78
VCOMP = Upper clamp, VVFF = 3V
00.2
VCSdis
Hiccup-mode OCP level
1.85
2.0
2.2
V
ZERO CURRENT DETECTOR/ SYNCHRONIZATION
VZCDH
Upper Clamp Voltage
IZCD = 3mA
4.7
5.2
6.1
V
VZCDL
Lower Clamp Voltage
IZCD = - 3mA
0.3
0.65
1
V
VZCDA
Arming Voltage
(positive-going edge)
(1)
2.1
V
VZCDT
Triggering Voltage
(negative-going edge)
1.6
V
IZCDb
Input Bias Current
VZCD = 1 to 4.5 V
2
µA
IZCDsrc
Source Current Capability
-3
-10
mA
IZCDsnk Sink Current Capability
3
10
mA
VDIS
Disable Threshold
150
200
250
mV
IZCDr
Restart Current After Disable
VZCD < VDIS, Vcc > Vccoff
-70
-150
-230
µA
TBLANK
Blanking time after pin 7 high-to-
low transition
VCOMP ≥ 3.2 V
3.5
µs
VCOMP = 2.5 V
18
START TIMER
tSTART
Start Timer period
250
400
550
µs
GATE DRIVER
VOL
Dropout Voltage
IGDsource = 200mA
1.2
2
V
IGDsource = 20mA
0.7
1
VOH
IGDsink = 200mA
2
V
IGDsink = 20mA
0.3
tf
Current Fall Time
40
100
ns
tr
Current Rise Time
40
100
ns
IGDoff
IGD sink current
Vcc = 4 V, VGD = 1 V
5
10
mA
(1) Parameters guaranteed by design, not tested in production.
ELECTRICAL CHARACTERISTCS (continued)
(Tj = -25 to 125°C, VCC = 12V, Co = 1nF; unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com