Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6565D Datasheet(PDF) 7 Page - STMicroelectronics

Part # L6565D
Description  QUASI-RESONANT SMPS CONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6565D Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L6565D Datasheet HTML 3Page - STMicroelectronics L6565D Datasheet HTML 4Page - STMicroelectronics L6565D Datasheet HTML 5Page - STMicroelectronics L6565D Datasheet HTML 6Page - STMicroelectronics L6565D Datasheet HTML 7Page - STMicroelectronics L6565D Datasheet HTML 8Page - STMicroelectronics L6565D Datasheet HTML 9Page - STMicroelectronics L6565D Datasheet HTML 10Page - STMicroelectronics L6565D Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7/17
L6565
APPLICATION INFORMATION
Quasi-resonant operation in offline flyback converters lies in synchronizing MOSFET's turn-on to the transform-
er's demagnetization. Detecting the resulting negative-going edge of the voltage across any winding of the
transformer can do this. The L6565 is provided with a dedicated pin that allows doing the job with a very simple
interface, just one resistor.
Variable frequency operation - as a result of different operating conditions in terms of input voltage and output
current - is inherent in such functionality. The system always works close to the boundary between DCM (Dis-
continuous Conduction Mode) and CCM (Continuous Conduction Mode) operation of the transformer. The op-
eration is then identical to that of the so-called self-oscillating or Ringing Choke Converter (RCC).
Detailed Device Description
Internal Supply Block (see fig. 12)
A linear voltage regulator supplied by Vcc (pin 8) generates an internal 7V rail used for supplying the entire IC,
except for the gate driver that is supplied directly from Vcc. In addition, a bandgap circuit generates a precise
internal reference (2.5V±1% @ 25°C) used by the control loop to ensure a good regulation with primary feed-
back technique.
In figure 12 it is also shown the undervoltage lockout (UVLO) comparator with hysteresis used to enable the
chip as long as the Vcc voltage is high enough to ensure a reliable operation.
Figure 12. L6565 internal supply block
+Vin
REF.
UVLO
-
+
8
2.5V
7V bus
LIN.
REG.
Vcc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com