Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6565D Datasheet(PDF) 5 Page - STMicroelectronics

Part # L6565D
Description  QUASI-RESONANT SMPS CONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6565D Datasheet(HTML) 5 Page - STMicroelectronics

  L6565D Datasheet HTML 1Page - STMicroelectronics L6565D Datasheet HTML 2Page - STMicroelectronics L6565D Datasheet HTML 3Page - STMicroelectronics L6565D Datasheet HTML 4Page - STMicroelectronics L6565D Datasheet HTML 5Page - STMicroelectronics L6565D Datasheet HTML 6Page - STMicroelectronics L6565D Datasheet HTML 7Page - STMicroelectronics L6565D Datasheet HTML 8Page - STMicroelectronics L6565D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5/17
L6565
Figure 1. Supply current vs. Supply voltage
Figure 2. Start-up & UVLO vs. Temperature
Figure 3. Feedback reference vs. Temperature
Figure 4. Line feedforward characteristics
Figure 5. Pin 2 (COMP) V-I characteristics
Figure 6. ZCD blanking time vs. COMP voltage
0
5
10
15
20
VCC(V)
0
0.005
0.01
0.05
0.1
0.5
1
5
10
ICC
(mA)
CL = 1nF
f = 70KHz
TA = 25°C
T (°C)
VCC-ON
(V)
VCC-OFF
(V)
-25
0
25
50
75
100
125
9
10
11
12
13
14
-50
0
50
100
2.46
2.48
2.50
T (°C)
VREF
(V)
D94IN048A
Vcsx [V]
0
0.5
1
1.5
2
2.5
3
3.5
0
0.5
1
1.5
VVFF [V]
VCOMP = 2.5V
3.0 V
3.5 V
4.0 V
4.5 V
5.0 V
Upper clamp
01
2
3
4
0
1
2
3
4
5
6
Regulation
range
VCOMP [V]
ICOMP [mA]
Tj = 25 °C
Vpin1 = 0
TBLANK [µs]
234
56
0
5
10
15
20
VCOMP [V]
Tj = 25 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com