Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6574 Datasheet(PDF) 2 Page - STMicroelectronics

Part # L6574
Description  CFL/TL BALLAST DRIVER PREHEAT AND DIMMING
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6574 Datasheet(HTML) 2 Page - STMicroelectronics

  L6574 Datasheet HTML 1Page - STMicroelectronics L6574 Datasheet HTML 2Page - STMicroelectronics L6574 Datasheet HTML 3Page - STMicroelectronics L6574 Datasheet HTML 4Page - STMicroelectronics L6574 Datasheet HTML 5Page - STMicroelectronics L6574 Datasheet HTML 6Page - STMicroelectronics L6574 Datasheet HTML 7Page - STMicroelectronics L6574 Datasheet HTML 8Page - STMicroelectronics L6574 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
L6574
2/10
PIN CONNECTION (top view)
THERMAL DATA
Symbol
Parameter
DIP16
SO16N
Unit
Rth j-amb
Thermal Resistance Junction to ambient
Max.
80
120
°C/W
PIN DESCRIPTION
Pin
Function
1
CPRE
Preheat Timing Capacitor. The capacitor CPRE sets the preheating and the frequency shift time,
according to the relations: tPRE = KPRE · CPRE and tSH = KFS · CPRE (typ. KPRE = 1.5s/µF, KFS =
0.15s/
µF). This feature is obtained by charging CPRE with two different currents. During tPRE
this current is independent of the external components, so CPRE is charged up to 3.5V (preheat
timing comparator threshold). During tSH the current depends on RPRE value (i.e. on the differ-
ence between fPRE and fIGN). In this way tSH is always set at 0.1tPRE. In steady state the voltage
at pin 1 is 5V.
2
RPRE
Maximum Oscillation Frequency Setting. The resistance connected between this pin and ground
sets the fPRE value, fixing the difference between fPRE and fIGN (fPRE > fIGN). At the end of the
Start-up procedure, the effect current drown from RPRE is over. The voltage at this pin is fixed at
VREF =2V.
3
CF
Oscillator Frequency Setting. The capacitor CF, along with to RPRE and RIGN, sets fPRE and fING.
In normal operation this pin shows a triangular wave.
4
RIGN
Minimum Oscillation Frequency Setting. The resistance connected between this pin and ground
sets the fIGN value. The voltage at this pin is fixed at VREF =2V.
5
OPout
Out of the operational amplifier. To implement a feedback control loop this pin can be connected
to the RIGN pin by means an appropriate circuitry.
6
OPin-
Inverting Input of the operational amplifier.
7
OPin+
Non Inverting Input of the operational amplifier.
8
EN1
Enable 1. This pin (active high), forces the device in a latched shutdown state (like in the under
voltage conditions). There are two ways to resume normal operation:
– the first is to reduce the supply voltage below the undervoltage threshold and then
increase it again until the valid supply is recognised.
– the second is activating EN2 input.
The enable 1 is especially designed for strong fault (e.g. in case of lamp disconnection).
CPRE
RPRE
CF
RING
OPOUT
OPIN+
OPIN-
1
3
2
4
5
6
7
GND
VS
LVG
N.C.
OUT
HVG
VBOOT
16
15
14
13
12
10
11
D97IN492
EN1
8
EN2
9



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com