Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6574 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L6574
Description  CFL/TL BALLAST DRIVER PREHEAT AND DIMMING
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6574 Datasheet(HTML) 4 Page - STMicroelectronics

  L6574 Datasheet HTML 1Page - STMicroelectronics L6574 Datasheet HTML 2Page - STMicroelectronics L6574 Datasheet HTML 3Page - STMicroelectronics L6574 Datasheet HTML 4Page - STMicroelectronics L6574 Datasheet HTML 5Page - STMicroelectronics L6574 Datasheet HTML 6Page - STMicroelectronics L6574 Datasheet HTML 7Page - STMicroelectronics L6574 Datasheet HTML 8Page - STMicroelectronics L6574 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
L6574
4/10
RECOMMENDED OPERATING CONDITIONS
(*) If the condition Vboot - Vout < 18 is guaranteed, Vout can range from -3 to 580V.
Symbol
Parameter
Value
Unit
VS
Supply Voltage
10 to VCL
V
VOUT (*)
High Side Reference
-1 to VBOOT-VCL
V
VBOOT (*)
Floating Supply Voltage
500
V
ELECTRICAL CHARACTERISTCS
(VS = 12V; VBOOT-VOUT = 12V; Tamb = 25°C)
Symbol
Pin
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Supply Voltage
Vsuvp
12
Vs Turn On Threshold
9.5
10.2
10.9
V
Vsuvn
Vs Turn Off Threshold
7.3
8
8.7
V
Vsuvh
Supply Voltage Under Voltage
Hysteresys
2.2
V
Vcl
Supply Voltage Clamping
14.6
15.6
16.6
V
Isu
Start Up Current
VS < Vsuvn
250
µA
Iq
Quiescent Current, fout = 60kHz,
no load.
VS > Vsupv
2mA
High voltage Section
Ibootleak
16
BOOT pin leakage current
VBOOT = 580V
5
µA
Ioutleak
14
OUT pin Leakage Current
VOUT = 562V
5
µA
High/Low Side Drivers
Ihvgso
15
High Side Driver Source Current
VHVG-VOUT = 0
170
250
mA
Ihvgsi
15
High Side Driver Sink Current
VHVG-VBOOT = 0
300
450
mA
Ihvgso
11
Low Side Drive Source Current
VLVG-GND = 0
170
250
mA
Ilvgsi
11
Low Side Drive Source Current
VLVG-VS = 0
300
450
mA
trise
15,
11
Low/High Side Output Rise Time
Cload = 1nF
80
120
ns
tfall
Low/High Side Output Fall Time
Cload = 1nF
50
80
ns
Oscillator
DC
14
Output Duty Cycle
48
50
52
%
fing
14
Minimum Output Oscillation
Frequency
CF = 470pF;
Ring = 50kΩ
58.2
60
61.8
kHz
fpre
14
Maximum Output Oscillation
Frequency
CF = 470pF;
Ring = 50kΩ;
Rpre = 47kΩ
114
120
126
kHz
Vref
2,4
Voltage to current converters
threshold
1.9
2
2.1
V
IVref
2,4
Reference Current
0
120
µA
td
14
Dead Time between Low and
High Side Conduction
0.8
1.25
1.7
µs



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com