Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7986TA Datasheet(PDF) 13 Page - STMicroelectronics

Part # L7986TA
Description  3 A step-down switching regulator
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7986TA Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L7986TA Datasheet HTML 9Page - STMicroelectronics L7986TA Datasheet HTML 10Page - STMicroelectronics L7986TA Datasheet HTML 11Page - STMicroelectronics L7986TA Datasheet HTML 12Page - STMicroelectronics L7986TA Datasheet HTML 13Page - STMicroelectronics L7986TA Datasheet HTML 14Page - STMicroelectronics L7986TA Datasheet HTML 15Page - STMicroelectronics L7986TA Datasheet HTML 16Page - STMicroelectronics L7986TA Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
L7986TA
Functional description
Doc ID 022098 Rev 3
13/43
5.4
Overcurrent protection
The L7986TA implements overcurrent protection by sensing current flowing through the
power MOSFET. Due to the noise created by the switching activity of the power MOSFET,
the current sensing is disabled during the initial phase of the conduction time. This avoids an
erroneous detection of a fault condition. This interval is generally known as “masking time”
or “blanking time”. The masking time is about 200 ns.
If the overcurrent limit is reached, the power MOSFET is turned off implementing pulse-by-
pulse overcurrent protection. In the overcurrent condition, the device can skip turn-on pulses
in order to keep the output current constant and equal to the current limit. If, at the end of the
“masking time”, the current is higher than the overcurrent threshold, the power MOSFET is
turned off and one pulse is skipped. If, at the following switching on, when the “masking
time” ends, the current is still higher than the overcurrent threshold, the device skips two
pulses. This mechanism is repeated and the device can skip up to seven pulses. While, if at
the end of the “masking time”, the current is lower than the overcurrent threshold, the
number of skipped cycles is decreased by one unit (see Figure 7).
So, the overcurrent/short-circuit protection acts by switching off the power MOSFET and
reducing the switching frequency down to one eighth of the default switching frequency, in
order to keep constant the output current around the current limit.
This kind of overcurrent protection is effective if the output current is limited. To prevent the
current from diverging, the current ripple in the inductor during the on-time must not be
higher than the current ripple during the off-time. That is:
Equation 3
If the output voltage is shorted, VOUT≅ 0, IOUT=ILIM, D/FSW=TON_MIN, (1-D)/FSW≅ 1/FSW. So,
from Equation 3, the maximum switching frequency that guarantees to limit the current
results:
Equation 4
With RDSon=300 mΩ, DRC=0.08 Ω, the worst condition is with VIN=38 V, ILIM=3.7 A; the
maximum frequency to keep the output current limited during the short-circuit results 88
kHz.
The pulse-by-pulse mechanism, which reduces the switching frequency down to one eighth
the maximum FSW, adjusted by the FSW pin, that assures a full effective output current
limitation, is 88 kHz*8 = 706 kHz.
V
IN
V
OUT
R
DSON
I
OUT
DCR
I
OUT
LF
SW
-------------------------------------------------------------------------------------------------------------------------
D
V
OUT
V
F
R
DSON
I
OUT
DCR
I
OUT
++
+
LF
SW
-----------------------------------------------------------------------------------------------------------------------
1D
()
=
F
SW
*
V
F
DCR
I
+
LIM
()
V
IN
R
DSON
DC R
+
() I
LIM
()
-------------------------------------------------------------------------------------
1
T
ON_MIN
-------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com