Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7986TA Datasheet(PDF) 33 Page - STMicroelectronics

Part # L7986TA
Description  3 A step-down switching regulator
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7986TA Datasheet(HTML) 33 Page - STMicroelectronics

Back Button L7986TA Datasheet HTML 29Page - STMicroelectronics L7986TA Datasheet HTML 30Page - STMicroelectronics L7986TA Datasheet HTML 31Page - STMicroelectronics L7986TA Datasheet HTML 32Page - STMicroelectronics L7986TA Datasheet HTML 33Page - STMicroelectronics L7986TA Datasheet HTML 34Page - STMicroelectronics L7986TA Datasheet HTML 35Page - STMicroelectronics L7986TA Datasheet HTML 36Page - STMicroelectronics L7986TA Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 43 page
background image
L7986TA
Application information
Doc ID 022098 Rev 3
33/43
Figure 21.
Junction temperature vs. output
current
Figure 22.
Junction temperature vs. output
current
VOUT=1.8V
VOUT=3.3V
VOUT=5V
HSOP
VQFN
V
IN=24V
F
SW=250KHz
T
AMB=25 C
VOUT=1.8V
VOUT=3.3V
VOUT=5V
HSOP
VQFN
V
IN=12V
F
SW=250KHz
T
AMB=25 C
Figure 23.
Junction temperature vs. output
current
Figure 24.
Efficiency vs. output current
VOUT=1.2V
VOUT=1.8V
VOUT=3.3V
HSOP
VQFN
V
IN=5V
F
SW=250KHz
T
AMB=25 C
60
65
70
75
80
85
90
95
0.100
0.600
1.100
1.600
2.100
2.600
3.100
Io [A]
Vin=12V
Vin=18V
Vin=24V
Vo=5.0V
FSW=250kHz
Figure 25.
Efficiency vs. output current
Figure 26.
Efficiency vs. output current
50
55
60
65
70
75
80
85
90
95
0.100
0.600
1.100
1.600
2.100
2.600
3.100
Io [A]
Vin=5V
Vin=12V
Vin=24V
Vo=3.3V
FSW=250kHz
40
45
50
55
60
65
70
75
80
85
0.100
0.600
1.100
1.600
2.100
2.600
3.100
Io [A]
Vin=5V
Vin=12V
Vin=24V
Vo=1.8V
FSW=250kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com