Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIC401DB Datasheet(PDF) 9 Page - Vishay Siliconix

Part # SIC401DB
Description  15 A microBUCK SiC401A/B Integrated Buck Regulator with Programmable LDO
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC401DB Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button SIC401DB Datasheet HTML 5Page - Vishay Siliconix SIC401DB Datasheet HTML 6Page - Vishay Siliconix SIC401DB Datasheet HTML 7Page - Vishay Siliconix SIC401DB Datasheet HTML 8Page - Vishay Siliconix SIC401DB Datasheet HTML 9Page - Vishay Siliconix SIC401DB Datasheet HTML 10Page - Vishay Siliconix SIC401DB Datasheet HTML 11Page - Vishay Siliconix SIC401DB Datasheet HTML 12Page - Vishay Siliconix SIC401DB Datasheet HTML 13Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
Vishay Siliconix
SiC401A, SiC401BCD
Document Number: 63835
S12-2109-Rev. C, 03-Sep-12
www.vishay.com
9
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
For technical questions, contact: powerictechsupport@vishay.com
ELECTRICAL CHARACTERISTICS
Load Regulation vs. Temperature - FCM
(VDD = 5 V, VOUT = 1.5 V, SiC401B)
Load Regulation vs. Temperature - P-Save
(VDD = 5 V, VOUT = 1.5 V, SiC401B)
Effiency Variation with VOUT - P-Save
(VDD=5V,VIN=12V,L=2.2µH(4.6m)forVOUT=2.5V,3.3Vand5V,SiC401B)
1.45
1.46
1.47
1.48
1.49
1.5
1.51
1.52
1.53
0123456789
10
11
12
13
14
15
IOUT(A)
VIN=12V,TA=25
VIN=5V,TA=25 C
VIN=12V,TA=-40 C
VIN=5V,TA=-40 C
VIN=12V,TA=85 C
VIN=5V,TA=85 C
1.45
1.46
1.47
1.48
1.49
1.5
1.51
1.52
1.53
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
IOUT(A)
VIN=12V,TA=25
VIN=5V,TA=25 C
VIN=12V,TA=-40 C
VIN=5V,TA=-40 C
VIN=12V,TA=85 C
VIN=5V,TA=85 C
75
80
85
90
95
100
0123456789
10
11
12
13
14
15
IOUT(A)
VOUT=1.5V
VOUT=1V
VOUT=3.3V
VOUT=5V
VOUT=2.5V
Load Regulation vs. Temperature - P-Save
(VDD = 3.3 V, VOUT = 1.5 V, SiC401B)
Load Regulation vs. Temperature - FCM
(VDD = 3.3 V, VOUT = 1.5 V, SiC401B)
Efficiensy/Power Loss vs. P-Save
(VOUT = 1.5 V, VIN = 12 V, SiC401B)
1.45
1.46
1.47
1.48
1.49
1.5
1.51
1.52
1.53
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
IOUT(A)
VIN=12V,TA=25
VIN=5V,TA=25 C
VIN=12V,TA=-40 C
VIN=5V,TA=-40 C
VIN=12V,TA=85 C
VIN=5V,TA=85 C
1.45
1.46
1.47
1.48
1.49
1.5
1.51
1.52
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
IOUT(A)
VIN=12V,TA=25
VIN=5V,TA=25 C
VIN=12V,TA=-40 C
VIN=5V,TA=-40 C
VIN=12V,TA=85 C
VIN=5V,TA=85 C
0
0.05
0.1
0.15
0.2
50
55
60
65
70
75
80
85
90
95
0.001
0.01
0.1
1
10
100
IOUT(A)
ExternalBias
LDOBias
LDOminus
External



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com