Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIC401DB Datasheet(PDF) 13 Page - Vishay Siliconix

Part # SIC401DB
Description  15 A microBUCK SiC401A/B Integrated Buck Regulator with Programmable LDO
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC401DB Datasheet(HTML) 13 Page - Vishay Siliconix

Back Button SIC401DB Datasheet HTML 9Page - Vishay Siliconix SIC401DB Datasheet HTML 10Page - Vishay Siliconix SIC401DB Datasheet HTML 11Page - Vishay Siliconix SIC401DB Datasheet HTML 12Page - Vishay Siliconix SIC401DB Datasheet HTML 13Page - Vishay Siliconix SIC401DB Datasheet HTML 14Page - Vishay Siliconix SIC401DB Datasheet HTML 15Page - Vishay Siliconix SIC401DB Datasheet HTML 16Page - Vishay Siliconix SIC401DB Datasheet HTML 17Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
Vishay Siliconix
SiC401A, SiC401BCD
Document Number: 63835
S12-2109-Rev. C, 03-Sep-12
www.vishay.com
13
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
For technical questions, contact: powerictechsupport@vishay.com
ELECTRICAL CHARACTERISTICS
Transient Response - FCM
(VDD = 5 V, VIN = 12 V, VOUT = 1.5 V, IOUT = 0 A to 11 A, SiC401B, dI/dt = 1 A/µs)
Transient Response - P-Save Load Rising
(VDD = 5 V, VIN = 12 V, VOUT = 1.5 V, IOUT = 0 A to 11 A, SiC401A, dI/dt = 1 A/µs)
Over Current Protection-Under Voltage Prodection
(VDD = 5 V, VIN = 12 V, VOUT = 1.5 V, SiC401B)
(5V/div)
(4A/div)
(50mV/div)
IOUT :0A to 11A
LX
Time(20
µs/div)
VOUT RIPPLE
(5V/div)
(100mV/div)
VOUT RIPPLE
IOUT:0A to 11A
LX
(4A/div)
Time(10
µs/div)
Time(100
µs/div)
(5V/div)
(5V/div)
(5V/div)
(500mV/div)
(5A/div)
Pgood
VOUT
Inductor
LX
Over Temperature Shutdown at 133.4 °C
(VIN = 12 V, VOUT = 1.5 V, IOUT = 0 A, LDO Mode, SiC401B)
Transient Response - P-Save Load Falling
(VDD = 5 V, VIN = 12 V, VOUT = 1.5 V, IOUT = 11 A to 0 A, SiC401A, dI/dt = 1 A/µs)
(5V/div)
(2V/div)
Pgood
LX
Time(500
µs/div)
(5V/div)
VOUT RIPPLE
Time(20
µs/div)
(4A/div)
(100mV/div)
LX
IOUT:0A to 11A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com