Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RB520CS30L Datasheet(PDF) 6 Page - NXP Semiconductors

Part # RB520CS30L
Description  100 mA low VF MEGA Schottky barrier rectifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

RB520CS30L Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button RB520CS30L Datasheet HTML 2Page - NXP Semiconductors RB520CS30L Datasheet HTML 3Page - NXP Semiconductors RB520CS30L Datasheet HTML 4Page - NXP Semiconductors RB520CS30L Datasheet HTML 5Page - NXP Semiconductors RB520CS30L Datasheet HTML 6Page - NXP Semiconductors RB520CS30L Datasheet HTML 7Page - NXP Semiconductors RB520CS30L Datasheet HTML 8Page - NXP Semiconductors RB520CS30L Datasheet HTML 9Page - NXP Semiconductors RB520CS30L Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
RB520CS30L
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 10 March 2011
6 of 14
NXP Semiconductors
RB520CS30L
100 mA low VF MEGA Schottky barrier rectifier
(1) Tj = 150 °C
(2) Tj = 125 °C
(3) Tj =85 °C
(4) Tj =25 °C
(5) Tj = −40 °C
(1) Tj = 125 °C
(2) Tj =85 °C
(3) Tj =25 °C
(4) Tj = −40 °C
Fig 4.
Forward current as a function of forward
voltage; typical values
Fig 5.
Reverse current as a function of reverse
voltage; typical values
f=1MHz; Tamb =25 °C
Fig 6.
Diode capacitance as a function of reverse voltage; typical values
006aac536
10–3
10–2
10–1
1
IF
(A)
10–4
VF (V)
0
0.8
0.6
0.2
0.4
(1)
(2)
(3)
(4)
(5)
006aac537
VR (V)
030
20
10
10–3
10–4
10–5
10–6
10–7
10–8
10–9
IR
(A)
10–10
(1)
(2)
(3)
(4)
006aac538
VR (V)
030
20
10
10
5
15
20
Cd
(pF)
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com