Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RB520CS30L Datasheet(PDF) 7 Page - NXP Semiconductors

Part # RB520CS30L
Description  100 mA low VF MEGA Schottky barrier rectifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

RB520CS30L Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button RB520CS30L Datasheet HTML 3Page - NXP Semiconductors RB520CS30L Datasheet HTML 4Page - NXP Semiconductors RB520CS30L Datasheet HTML 5Page - NXP Semiconductors RB520CS30L Datasheet HTML 6Page - NXP Semiconductors RB520CS30L Datasheet HTML 7Page - NXP Semiconductors RB520CS30L Datasheet HTML 8Page - NXP Semiconductors RB520CS30L Datasheet HTML 9Page - NXP Semiconductors RB520CS30L Datasheet HTML 10Page - NXP Semiconductors RB520CS30L Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
RB520CS30L
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 10 March 2011
7 of 14
NXP Semiconductors
RB520CS30L
100 mA low VF MEGA Schottky barrier rectifier
Tj = 150 °C
(1)
δ =0.1
(2)
δ =0.2
(3)
δ =0.5
(4)
δ =1
Tj = 125 °C
(1)
δ =1; DC
(2)
δ = 0.9; f = 20 kHz
(3)
δ = 0.8; f = 20 kHz
(4)
δ = 0.5; f = 20 kHz
Fig 7.
Average forward power dissipation as a
function of average forward current; typical
values
Fig 8.
Average reverse power dissipation as a
function of reverse voltage; typical values
FR4 PCB, standard footprint
Tj = 150 °C
(1)
δ =1; DC
(2)
δ = 0.5; f = 20 kHz
(3)
δ = 0.2; f = 20 kHz
(4)
δ = 0.1; f = 20 kHz
FR4 PCB, mounting pad for cathode 1 cm2
Tj = 150 °C
(1)
δ =1; DC
(2)
δ = 0.5; f = 20 kHz
(3)
δ = 0.2; f = 20 kHz
(4)
δ = 0.1; f = 20 kHz
Fig 9.
Average forward current as a function of
ambient temperature; typical values
Fig 10. Average forward current as a function of
ambient temperature; typical values
IF(AV) (A)
0.00
0.15
0.10
0.05
006aac539
0.02
0.04
0.06
PF(AV)
(W)
0.00
(1)
(2)
(3)
(4)
006aac540
VR (V)
030
20
10
0.004
0.006
0.002
0.008
0.010
PR(AV)
(W)
0.000
(3)
(4)
(1)
(2)
Tamb (°C)
0
50
100
150
175
125
75
25
006aac541
0.05
0.10
0.15
IF(AV)
(A)
0.00
(1)
(2)
(3)
(4)
Tamb (°C)
0
50
100
150
175
125
75
25
006aac542
0.05
0.10
0.15
IF(AV)
(A)
0.00
(1)
(2)
(3)
(4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com