Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVM302P12 Datasheet(PDF) 2 Page - Voltage Multipliers Inc.

Part # PVM302P12
Description  3,000V Surface Mount Multiplier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VMI [Voltage Multipliers Inc.]
Direct Link  http://www.voltagemultipliers.com
Logo VMI - Voltage Multipliers Inc.

PVM302P12 Datasheet(HTML) 2 Page - Voltage Multipliers Inc.

  PVM302P12 Datasheet HTML 1Page - Voltage Multipliers Inc. PVM302P12 Datasheet HTML 2Page - Voltage Multipliers Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Dimensions: In. (mm)
All temperatures are ambient unless otherwise noted.
Data subject to change without notice.
Tel:
559.651.1402
Fax:
559.651.0740
www.voltagemultipliers.com
www.highvoltagepowersupplies.com
8711 W. Roosevelt Ave.
Visalia, CA 93291 USA
Voltage Multipliers Inc.
PVM302P12
Typical Single Multiplier Circuit
Typical Circuit
Showing Two Multipliers in Series
0
500
1000
1500
2000
2500
3000
3500
100
200
300
400
500
600
Input Voltage (Vpp)
SINGLE MULTIPLIER
OUTPUT VOLTAGE VS. INPUT VOLTAGE
1.0µA
10µA
20µA
50µA
0
1000
2000
3000
4000
5000
6000
7000
100
200
300
400
500
600
Input Voltage (Vpp)
TWO MULTIPLIERS IN SERIES
OUTPUT VOLTAGE VS. INPUT VOLTAGE
1.0µA
20µA
10µA
50µA



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com