Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVM302P12 Datasheet(PDF) 1 Page - Voltage Multipliers Inc.

Part # PVM302P12
Description  3,000V Surface Mount Multiplier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VMI [Voltage Multipliers Inc.]
Direct Link  http://www.voltagemultipliers.com
Logo VMI - Voltage Multipliers Inc.

PVM302P12 Datasheet(HTML) 1 Page - Voltage Multipliers Inc.

  PVM302P12 Datasheet HTML 1Page - Voltage Multipliers Inc. PVM302P12 Datasheet HTML 2Page - Voltage Multipliers Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Dimensions: In. (mm)
All temperatures are ambient unless otherwise noted.
Data subject to change without notice.
Tel:
559.651.1402
Fax:
559.651.0740
www.voltagemultipliers.com
www.highvoltagepowersupplies.com
8711 W. Roosevelt Ave.
Visalia, CA 93291 USA
Voltage Multipliers Inc.
r
e
b
m
u
N
t
r
a
Pm
u
m
i
x
a
M
t
u
p
n
I
.
C
.
A
e
g
a
t
l
o
V
m
u
m
i
x
a
M
t
u
p
t
u
O
.
C
.
D
e
g
a
t
l
o
V
)
r
e
il
p
i
t
l
u
M
e
n
O
(
m
u
m
i
x
a
M
t
u
p
t
u
O
.
C
.
D
e
g
a
t
l
o
V
)
g
n
i
t
a
o
l
F
r
o
s
e
i
r
e
S
n
i
s
r
e
il
p
i
t
l
u
M
o
w
T
(
l
a
c
i
p
y
T
t
n
e
r
r
u
C
t
u
p
t
u
O
e
g
n
a
R
)
1
(
l
a
c
i
p
y
T
y
c
n
e
u
q
e
r
F
f
o
r
e
b
m
u
N
s
e
g
a
t
S
V
P
P
V
C
D
V
C
D
A
µz
H
k
2
1
P
2
0
3
M
V
P0
0
60
0
0
30
0
0
60
.
0
5
-
0
.
10
0
1
-
0
12
1
(1) Refer to load lines on next page.
3,000V Surface Mount Multiplier
Plating:
Electroless Nickel / Immersion Gold
Sn100CL Solder Finish, Hot air leveling
per IPC-4552.
Tolerance:
.XXX ±.010
ELECTRICAL CHARACTERISTICS AND MAXIMUM RATINGS
Operating Temp: -55°C to +150°C
Storage Temp: -65°C to +150°C
1.0µA - 50.0µA • 12 Stages
Original Release: 05-17-10
Revised Date: 07-10-09


Similar Part No. - PVM302P12

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
PVM3L EATON-PVM3L Datasheet
909Kb / 4P
Champ® Pro PVM Series LED Luminaires Ideal for general high bay/low bay illumination
More results

Similar Description - PVM302P12

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
KC2-11 MINI-KC2-11 Datasheet
196Kb / 1P
Surface Mount Frequency Multiplier Output 1.0 to 2.2 GHz
KC2-19 MINI-KC2-19 Datasheet
146Kb / 1P
Surface Mount Frequency Multiplier Output 2.2 to 3.8 GHz
KC2-36 MINI-KC2-36 Datasheet
153Kb / 1P
Surface Mount Frequency Multiplier Output 3.4 to 7.2 GHz
logo
Voltage Multipliers Inc...
MVM202P06 VMI-MVM202P06 Datasheet
88Kb / 2P
2,000V Surface Mount Multiplier
MVM302P08 VMI-MVM302P08 Datasheet
135Kb / 2P
3,000V Surface Mount Multiplier
MVM302P10 VMI-MVM302P10 Datasheet
154Kb / 2P
3,000V Surface Mount Multiplier
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6120 AVAGO-AMMP-6120 Datasheet
282Kb / 7P
8-24 GHz x2 Frequency Multiplier 5x5mm Surface Mount Package
logo
Voltage Multipliers Inc...
VM1447 VMI-VM1447 Datasheet
125Kb / 1P
3,000V Surface Mount Multiplier
VM1448 VMI-VM1448 Datasheet
140Kb / 1P
2,000V - 3,000V Surface Mount Multiplier
VM1566 VMI-VM1566 Datasheet
123Kb / 1P
7,000V Surface Mount Multiplier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com