Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TO-220AB Datasheet(PDF) 2 Page - IXYS Corporation

Part # TO-220AB
Description  High Performance Schottky Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

TO-220AB Datasheet(HTML) 2 Page - IXYS Corporation

  TO-220AB Datasheet HTML 1Page - IXYS Corporation TO-220AB Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DSA 20 C 150PB
advanced
I
RMS
A
per pin*
35
R
thCH
K/W
0.50
M
D
Nm
0.6
mounting torque
0.4
T
stg
°C
150
storage temperature
-55
Weight
g
2
C
G
L
K
J
N
M
R
Q
Dim.
Millimeter
Inches
Min.
Max.
Min.
Max.
A
12.70 13.97
0.500 0.550
B
14.73 16.00
0.580 0.630
C
9.91
10.66
0.390 0.420
D
3.54
4.08
0.139 0.161
E
5.85
6.85
0.230 0.270
F
2.54
3.18
0.100 0.125
G
1.15
1.65
0.045 0.065
H
2.79
5.84
0.110 0.230
J
0.64
1.01
0.025 0.040
K
2.54
BSC
0.100 BSC
M
4.32
4.82
0.170 0.190
N
1.14
1.39
0.045 0.055
Q
0.35
0.56
0.014 0.022
R
2.29
2.79
0.090 0.110
Symbol
Definition
Ratings
typ.
max.
min.
Conditions
RMS current
thermal resistance case to heatsink
Unit
* Irms is typically limited by: 1. pin-to-chip resistance; or by 2. current capability of the chip.
In case of 1, a common cathode/anode configuration and a non-isolated backside, the whole current capability can be used by connecting
the backside.
Outlines TO-220AB
F
C
N
60
mounting force with clip
20
IXYS reserves the right to change limits, conditions and dimensi
© 2005 IXYS all rights reserved
Data according to IEC 60747and per diode unless otherwise specified



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com