Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TO-220AB Datasheet(PDF) 1 Page - IXYS Corporation

Part # TO-220AB
Description  High Performance Schottky Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

TO-220AB Datasheet(HTML) 1 Page - IXYS Corporation

  TO-220AB Datasheet HTML 1Page - IXYS Corporation TO-220AB Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DSA 20 C 150PB
advanced
Schottky
Symbol
Definition
R a t i n g s
Features / Advantages:
● Very low Vf
● Extremely low switching losses
● Low Irm-values
● Improved thermal behaviour
● High reliability circuit operation
● Low voltage peaks for reduced
protection circuits
● Low noise switching
● Low losses
typ.
max.
I
FSM
I
R
A
mA
V
80
I
FAV
A
V
F
0.88
R
thJC
2.60
K/W
V
R =
TVJ =
12
3
min.
10
ms (50 Hz), sine
Applications:
● Rectifiers in switch mode power
supplies (SMPS)
● Free wheeling diode in low voltage
converters
V
RRM
V
150
0.3
T
VJ
V
°C
=
T
VJ
°C
=
mA
°C
3
Package:
Part number
V
R =
I
F
=A
V
T
C
=150 °C
P
tot
60
W
T
C
°C
=
E
AS
tbd
mJ
T
VJ
°C
=
I
AS =A;
L =
µH
I
AR
A
V
A =
tbd
f = 10 kHz
1.5·V
R typ.;
T
VJ
175
°C
-55
High Performance Schottky Diode
Low Loss and Soft Recovery
Common Cathode
V
I
V
RRM
FAV
F
=
=
=
150
10
0.74
10
T
VJ =45 °C
100
DSA 20 C 150PB
V
A
V
150
V
150
25
25
t
p
=10
25
max. repetitive reverse voltage
reverse current
forward voltage
average forward current
thermal resistance junction to case
virtual junction temperature
total power dissipation
max. forward surge current
non-repetitive avalanche energy
repetitive avalanche current
Conditions
Unit
(Marking on product)
0.74
T
VJ
°C
= 25
C
J
pF
junction capacitance
V
R =
V; f = 1 MHz
T
VJ =
°C
125
125
I
F
=A
20
T
VJ =
°C
25
V
0.99
I
F
=A
10
I
F
=A
20
V
0.86
V
F0
V
0.55
T
VJ = 175 °C
r
F
11.5
Ω
m
TO-220AB
threshold voltage
slope resistance
for power loss calculation only
25
rectangular, d = 0.5
2x
● Industry standard outline
● Epoxy meets UL 94V-0
● RoHS compliant
IXYS reserves the right to change limits, conditions and dimensi
© 2005 IXYS all rights reserved
Data according to IEC 60747and per diode unless otherwise specified


Similar Part No. - TO-220AB

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
TO-220AB HSMC-TO-220AB Datasheet
71Kb / 6P
N-Channel Power Field Effect Transistor
TO-220AB HSMC-TO-220AB Datasheet
60Kb / 4P
Three Quadrant Triac
logo
Vishay Siliconix
TO-220AB VISHAY-TO-220AB Datasheet
104Kb / 6P
N-Channel 100-V (D-S) 175 °C MOSFET
12-Jun-06
TO-220AB VISHAY-TO-220AB Datasheet
126Kb / 5P
Dual Common-Cathode High-Voltage Schottky Rectifier
27-Jul-07
logo
Shenzhen Luguang Electr...
TO-220AB LUGUANG-TO-220AB Datasheet
273Kb / 2P
Isolated 10AMP. Glass Passivated Fast Recovery Rectifiers
More results

Similar Description - TO-220AB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LD1003S ETC-LD1003S Datasheet
693Kb / 5P
High Performance N-Channel POWERJFET with Schottky Diode
logo
Agilent(Hewlett-Packard...
HSMS-2700 HP-HSMS-2700 Datasheet
120Kb / 8P
High Performance Schottky Diode for Transient Suppression
HBAT-5400 HP-HBAT-5400 Datasheet
113Kb / 8P
High Performance Schottky Diode for Transient Suppression
logo
AVAGO TECHNOLOGIES LIMI...
HBAT-5400 AVAGO-HBAT-5400 Datasheet
199Kb / 8P
High Performance Schottky Diode for Transient Suppression
logo
IXYS Corporation
DSA30I150PA IXYS-DSA30I150PA Datasheet
114Kb / 4P
Schottky Diode Gen High Performance Schottky Diode Low Loss and Soft Recovery
DSA20C45PB IXYS-DSA20C45PB Datasheet
102Kb / 2P
Schottky High Performance Schottky Diode Low Loss and Soft Recovery
logo
Kersemi Electronic Co.,...
MBR20T100CT KERSEMI-MBR20T100CT Datasheet
2Mb / 6P
175 째C high performance Schottky diode
MBR20T100CT KERSEMI-MBR20T100CT Datasheet
2Mb / 6P
high performance Schottky diode
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-2700 AVAGO-HSMS-2700 Datasheet
150Kb / 9P
High Performance Schottky Diode for Transient Suppression
HSMS-2700 AVAGO-HSMS-2700_15 Datasheet
150Kb / 9P
High Performance Schottky Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com