Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCR03EZPFX1002 Datasheet(PDF) 17 Page - International Rectifier

Part # MCR03EZPFX1002
Description  HIGHLY INTEGRATED 14A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

MCR03EZPFX1002 Datasheet(HTML) 17 Page - International Rectifier

Back Button MCR03EZPFX1002 Datasheet HTML 13Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 14Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 15Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 16Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 17Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 18Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 19Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 20Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 21Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
17
IR3837MPbF
Rev 1.31
Therefore, in normal operating condition, after
Enable goes high the SS ramps up the output
voltage until Vfb (voltage of feedback/Fb pin)
reaches about 0.6V. Then Vref takes over and
the output voltage is regulated (refer to Fig. 11).
Tracking-mode
operation
is
achieved
by
connecting Vref to Vcc (1.5V<Vref<Vcc). Then,
while Vp=0, Enable is taken above its threshold
so that the soft start circuit generates internal SS
signal. After the internal SS signal reaches the
final value (refer to Fig. 4c) ramping up the Vp
input will ramp up the output voltage. In tracking
mode, Vfb always follows Vp which means Vout
is always proportional to Vp voltage (typical for
DDR/Vtt rail applications)
In sequencing mode of operation (simultaneous
or ratiometric), Vref is left floating and Vp is kept
to ground level until after SS signal reaches the
final value. Then Vp is ramped up and Vfb
follows Vp. When Vp>0.6V the error-amplifier
switches to Vref and the output voltage is
regulated with Vref.
Fig. 8. Application Circuit for Simultaneous
and ratiometric Sequencing
Tracking and sequencing operations can be
implemented to be simultaneous or ratiometric
(refer to figures 9 and 10). Figure 8 shows typical
circuit configuration for sequencing operation.
With this power-up configuration, the voltage at
the Vp pin of the slave reaches 0.6V before the
Fb pin of the master. If R
E/RF
=R
C/RD,
simultaneous startup is achieved. That is, the
output voltage of the slave follows that of the
master until the voltage at the Vp pin of the slave
reaches 0.6 V. After the voltage at the Vp pin of
the slave exceeds 0.6V, the internal
0.6V
reference of the slave dictates its output voltage.
In reality the regulation gradually shifts from Vp
to internal Vref. The circuit shown in Fig. 8 can
also be used for simultaneous or ratiometric
tracking operation if Vref of the slave is
connected to Vcc. Table 2 on page 18
summarizes the required conditions to achieve
simultaneous / ratiometric tracking or sequencing
operations.
Fig. 10 Typical waveforms in tracking mode of
operation: (a) simultaneous, (b) ratiometric
Fig. 9 Typical waveforms for sequencing mode
of operation: (a) simultaneous, (b) ratiometric



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com