Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCR03EZPFX1002 Datasheet(PDF) 27 Page - International Rectifier

Part # MCR03EZPFX1002
Description  HIGHLY INTEGRATED 14A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

MCR03EZPFX1002 Datasheet(HTML) 27 Page - International Rectifier

Back Button MCR03EZPFX1002 Datasheet HTML 23Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 24Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 25Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 26Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 27Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 28Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 29Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 30Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 31Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
27
IR3837MPbF
Rev 1.31
Application Diagram:
Fig. 21. Application circuit diagram for a 12V to 1.8 V, 14 A Point Of Load Converter
Suggested Bill of Materials for the application circuit:
Part Reference
Quantity
Value
Description
Manufacturer
Part Number
Cin
1 330uF
SMD Elecrolytic, Fsize, 25V, 20%
Panasonic
EEV-FK1E331P
4 10uF
1206, 16V, X7R, 20%
Panasonic - ECG
ECJ-3YX1C106K
Lo
1 0.51uH
11x7.2x7.5mm, 20%, 0.29mΩ
Vitec
59PR9876N
Co
7 47uF
Ceramic, 6.3V, 0805, X5R,20%
Taiyo Yuden
JMK212BJ476MG-T
R1
1 49.9K
Thick Film, 0603,1/10 W,1%
Rohm
MCR03EZPFX4992
R2
1 6.8K
Thick Film, 0603,1/10W,1%
Rohm
MCR03EZPFX6801
Rt
1 23.7k
Thick Film, 0603,1/10W,1%
Rohm
MCR03EZPFX2372
ROCSet
1 5.23k
Thick Film, 0603,1/10 W,1%
Rohm
MCR03EZPFX5231
RPG
1 10K
Thick Film, 0603,1/10W,1%
Rohm
MCR03EZPFX1002
Cref
1 0.1uF
0603, 25V, X7R, 10%
Panasonic - ECG
ECJ-1VB1E104K
R3
1 4.02k
Thick Film, 0603,1/10W,1%
Rohm
MCR03EZPFX4021
C3
1 120pF
50V, 0603, NPO, 5%
Panasonic- ECG
ECJ-1VC1H121J
C4
1 4.7nF
0603, 50V, X7R, 10%
Panasonic - ECG
ECJ-1VB1H472K
C6
1 0.1uF
0603, 25V, X7R, 10%
Panasonic - ECG
ECJ-1VB1E104K
R8
1 4.02K
Thick Film, 0603,1/10W,1%
Rohm
MCR03EZPFX4021
R9
1 2.0K
Thick Film, 0603,1/10W,1%
Rohm
MCR03EZPFX2001
R10
1 127
Thick Film, 0603,1/10W,1%
Panasonic - ECG
ERJ-3EKF1270V
C7
1 2200pF
0603, 50V, X7R, 10%
Panasonic - ECG
ECJ-1VB1H222K
CVcc
1 2.2uF
0603, 10V, X5R, 10%
Panasonic - ECG
ECJ-1VB1A225K
U1
1 IR3837
SupIRBuck, 14A, PQFN 5x6mm
International Rectifier
IR3837MPbF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com