Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCR03EZPFX1002 Datasheet(PDF) 25 Page - International Rectifier

Part # MCR03EZPFX1002
Description  HIGHLY INTEGRATED 10A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

MCR03EZPFX1002 Datasheet(HTML) 25 Page - International Rectifier

Back Button MCR03EZPFX1002 Datasheet HTML 21Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 22Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 23Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 24Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 25Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 26Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 27Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 28Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 29Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 35 page
background image
25
IR3838MPbF
Rev 1.41
Select crossover frequency F
0=100 kHz
Since F
LC<F0<Fs/2<FESR, Type III is selected to
place the pole and zeros.
Detailed calculation of compensation Type III :
kΩ
2
:
Select
kΩ
2.01
-
kΩ
4.02
:
Select
kΩ
3.98
-
2
1
Ω
127
:
Select
Ω
128
;
2
1
and
Calculate
pF
150
:
Select
pF
159
2
1
nF
6
5
:
Select
nF,
44
5
;
*
2
1
k
3.32
Select
kΩ
34
3
2
:
and
,
Calculate
nF
2.2
C
:
Select
kHz
300
*
0.5
and
kHz
8.82
5
0
Select
kHz
567.1
1
1
kHz
17.63
1
1
70
Margin
Phase
Desired
9
9
8
9
8
8
10
2
7
8
10
10
2
7
10
9
8
10
3
3
3
3
3
4
4
3
1
4
3
3
7
3
4
3
3
7
3
2
1
2
2
o
R
R
;
R
*
V
V
V
R
R
,
R
;
R
F
*
C
*
π
R
R
,
R
F
*
C
*
π
R
:
R
R
,
R
C
,
C
;
R
*
F
*
π
C
.
C
.
C
R
*
F
π
C
R
:
.
R
;
V
*
C
V
*
C
*
L
*
F
*
π
R
C
C
R
F
F
F
*
.
F
:
sin
sin
F
F
sin
sin
F
F
ref
o
ref
Z
P
P
Z
in
osc
o
o
o
s
P
Z
Z
o
P
o
Z
Programming the Current-Limit
The Current-Limit threshold can be set by
connecting a resistor (R
OCSet) from the SW pin
to the OCSet pin. The resistor can be calculated
by using equation (4). This resistor (R
OCSet)must
be placed close to the IC.
The
R
DS(on)
has
a
positive
temperature
coefficient and it should be considered for the
worst case operation (40% increase due to
temperature has been considered in below).
The optional filter capacitor from OCSet pin to
PGnd has not been used for this design.
Setting the Power Good Threshold
In this design IR3838 is used in normal (non-
tracking, non-sequencing) mode, therefore the
PGood thresholds are internally set at 85% and
115% of Vref. At startup as soon as the internal
soft start signal reaches 2V (Figure 11), and
assuming Fb voltage follows Vref, the PGood is
asserted. As long as the voltage at the Fb pin is
between the thresholds (mentioned above),
Enable is high, and no fault happens, the PGood
remains high.
The PGood is an open drain output. Hence, it is
necessary to use a pull up resistor, R
PG, from
PGood pin to Vcc.
The value of the pull-up
resistor must be chosen such as to limit the
current flowing into the PGood pin to less than
5mA when the output voltage is not in regulation.
A typical value used is 10kΩ.
Vref Bypass Capacitor
A bypass capacitor of about 0.1uF is required to
be placed between Vref and Gnd pins. This
capacitor should be placed as close as possible
to Vref pin.
kΩ
6.04
R
Select
kΩ
04
6
R
kHz)
600
(at
μA
29.54
I
)
current
output
nominal
over
(50%
A
15
1.5
*
A
10
mΩ
9
1
1
1.4
*
mΩ
5
8
OCSet
OCSet
OCSet
.
F
I
I
.
.
R
s
)
LIM
(
o
SET
)
on
(
DS
(33)
...
..........
..........
R
I
R
I
I
)
on
(
DS
OCSet
OCSet
)
critical
(
L
SET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com