Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCR03EZPFX1002 Datasheet(PDF) 5 Page - International Rectifier

Part # MCR03EZPFX1002
Description  HIGHLY INTEGRATED 10A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

MCR03EZPFX1002 Datasheet(HTML) 5 Page - International Rectifier

  MCR03EZPFX1002 Datasheet HTML 1Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 2Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 3Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 4Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 5Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 6Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 7Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 8Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
5
IR3838MPbF
Rev 1.41
Recommended Operating Conditions
Symbol
Definition
Min
Max
Units
PVin
Input Voltage for power stage
1.5
16
Vin
Input Voltage for internal LDO *
7.0
16
Vcc/LDO_out
Supply Voltage *
4.5
6.5
Boot to SW
Supply Voltage
4.5
7.5
Vo
Output Voltage
0.6
0.9*Vin
V
Io
Output Current
0
10
A
Fs
Switching Frequency
225
1650
kHz
Tj
Junction Temperature
-40
125
oC
* Vcc/LDO_out can be connected to an external regulated supply (≈ 5V). If so, the Vin input should be
left unconnected.
PARAMETER
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
POWER STAGE
Power Losses
Ploss
Vin=12V, Vo=1.8V, Io=10A,
Fs=600kHz, L=0.6uH, Note4
2
W
Top Switch
Rds(on)_Top
VBoot -Vsw =5.0V,
ID=10A,Tj=25C
17.1
26
Bottom Switch
Rds(on)_Bot
Vcc=5.0V, ID=10A
8.5
11
mΩ
Bootstrap Diode Forward
Voltage
I(Boot)= 30mA
180
260
470
mV
SW=0V, Enable=0V
6
SW leakage Current
Isw
SW=0V, Enable=high, Vp=0V
14
µA
SUPPLY CURRENT
Vin Supply Current (Standby)
Iin(Standby)
Enable low , No Switching,
400
µA
Vin Supply Current (Dyn)
Iin(Dyn)
Enable high, Fs=500kHz,
Vin=12V
12
mA
INTERNAL REGULATOR (LDO)
Output Voltage
IntVcc
Vin(min)=7.0V, Io=0-50mA,
Cload=2.2uF
4.7
5.2
5.7
V
IntVcc Dropout
IntVcc_drop
Io=50mA, Cload=2.2uF
50
150
mV
Short Circuit Current
Ishort
70
mA
INTERNAL DIGITAL SOFT START
Soft Start Clock Frequency
Clk(SS)
Note4
168
200
254
kHz
Soft Start Ramp Rate
Ramp(SS)
0.2
mV/us
Electrical Specifications
Unless otherwise specified, these specification apply over, 7.0V<V
in=PVin<16V, Vref=0.6V
in 0oC<T
j< 125
oC. Typical values are specified at T
a = 25
oC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com