Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT30 Datasheet(PDF) 2 Page - STMicroelectronics

Part # BAT30
Description  Small signal Schottky diodes
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BAT30 Datasheet(HTML) 2 Page - STMicroelectronics

  BAT30 Datasheet HTML 1Page - STMicroelectronics BAT30 Datasheet HTML 2Page - STMicroelectronics BAT30 Datasheet HTML 3Page - STMicroelectronics BAT30 Datasheet HTML 4Page - STMicroelectronics BAT30 Datasheet HTML 5Page - STMicroelectronics BAT30 Datasheet HTML 6Page - STMicroelectronics BAT30 Datasheet HTML 7Page - STMicroelectronics BAT30 Datasheet HTML 8Page - STMicroelectronics BAT30 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Characteristics
BAT30
2/14
Doc ID 12564 Rev 3
1
Characteristics
Table 2.
Absolute ratings (limiting values at Tj = 25° C, unless otherwise specified)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
30
V
IF
Continuous forward current
300
mA
IFSM
Surge non repetitive forward current
tp = 10 ms Sinusoidal
1
A
Tstg
Storage temperature range
-65 to +150
°C
Tj
Maximum operating junction temperature(1)
1.
Pulse test: tp = 5 ms, δ < 2 %
150
°C
TL
Maximum soldering temperature
260
°C
Table 3.
Thermal parameters
Symbol
Parameter
Value
Unit
Rth(j-a)
Junction to ambient(1)
1.
On epoxy printed circuit board with recommended pad layout
SOT-23
500
°C/W
SOT-323, SOD-323,
550
SOD-523, SOT-666
600
SOD-923
900
Table 4.
Static electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IR
(1)
1.
Pulse test: tp = 5 ms, δ < 2 %
Reverse leakage current
Tj = 25 °C
VR = 5 V
-
-
0.5
µA
VR = 10 V
-
-
1
VR = 25 V
-
0.65
3
VR = 30 V
-
-
5
Tj = 70 °C
VR = 10 V
-7
20
Tj = 85 °C
-
18
50
VF
(2)
2.
Pulse test: tp = 380 µs, δ < 2 %
Forward voltage drop
Tj = 25° C
IF = 0.1 mA
-
-
240
mV
IF = 1 mA
-
-
300
IF = 10 mA
-
-
375
IF = 30 mA
-
-
430
IF = 100 mA
-
-
500
IF = 200 mA
-
-
580
IF = 300 mA
-
530
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com