Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT30 Datasheet(PDF) 4 Page - STMicroelectronics

Part # BAT30
Description  Small signal Schottky diodes
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BAT30 Datasheet(HTML) 4 Page - STMicroelectronics

  BAT30 Datasheet HTML 1Page - STMicroelectronics BAT30 Datasheet HTML 2Page - STMicroelectronics BAT30 Datasheet HTML 3Page - STMicroelectronics BAT30 Datasheet HTML 4Page - STMicroelectronics BAT30 Datasheet HTML 5Page - STMicroelectronics BAT30 Datasheet HTML 6Page - STMicroelectronics BAT30 Datasheet HTML 7Page - STMicroelectronics BAT30 Datasheet HTML 8Page - STMicroelectronics BAT30 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Characteristics
BAT30
4/14
Doc ID 12564 Rev 3
Figure 5.
Relative variation of thermal
impedance junction to ambient
versus pulse duration
Figure 6.
Relative variation of thermal
impedance junction to ambient
versus pulse duration
Figure 7.
Relative variation of thermal
impedance junction to ambient
versus pulse duration
Figure 8.
Thermal resistance junction to
ambient versus copper surface
under each lead (SOD-923)
1.E-02
1.E-01
1.E+00
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
Single pulse
SOT-666
(s)
tP
Z
th(j-a)/Rth(j-a)
Epoxy printed board FR4
Coppr thickness = 35 µm
1.E-02
1.E-01
1.E+00
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
Z
th(j-a)/Rth(j-a)
Single pulse
SOD-923
(s)
tP
1.E-03
1.E-02
1.E-01
1.E+00
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
Single pulse
SOD-523
Z
th(j-a)/Rth(j-a)
(s)
tP
Epoxy printed board FR4
Coppr thickness = 35 µm
0
100
200
300
400
500
600
700
800
900
0.00.2
0.4
0.60.8
1.0
1.2
1.4
1.6
1.8
2.0
Epoxy printed board FR4
Copper thichness = 35 µm
SCU(cm²)
R
th(j-a)(°C/W)
Figure 9.
Thermal resistance junction to
ambient versus copper surface
under each lead (SOD-323)
Figure 10.
Leakage current versus reverse
applied voltage (typical values)
200
300
400
500
600
0
5
10
15
20
25
30
35
40
45
50
R
th(j-a)(°C/W)
SCU(mm²)
Epoxy printed board FR4
Copper thichness = 35 µm
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
1.E+04
0
5
10
15
20
25
30
T
j=150°C
T
j=25°C
T
j=85°C
T
j=125°C
VR (V)
IR (µA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com