Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6598D Datasheet(PDF) 13 Page - STMicroelectronics

Part # L6598D
Description  High voltage resonant controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6598D Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L6598D Datasheet HTML 9Page - STMicroelectronics L6598D Datasheet HTML 10Page - STMicroelectronics L6598D Datasheet HTML 11Page - STMicroelectronics L6598D Datasheet HTML 12Page - STMicroelectronics L6598D Datasheet HTML 13Page - STMicroelectronics L6598D Datasheet HTML 14Page - STMicroelectronics L6598D Datasheet HTML 15Page - STMicroelectronics L6598D Datasheet HTML 16Page - STMicroelectronics L6598D Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
L6598
Block diagram description
Doc ID 6554 Rev 7
13/24
5.3
Bootstrap section
The supply of the high voltage section is obtained by means of a bootstrap circuitry. This
solution normally requires an high voltage fast recovery diode for charging the bootstrap
capacitor (fig. 14a). In the device a patented integrated structure, replaces this external
diode. It is released by means of a high voltage DMOS, driven synchronously with the low
side driver (LVG), with in series a diode, as shown in fig. 14b.
Figure 13.
Bootstrap driver
To drive the synchronized DMOS it is necessary a voltage higher than the supply voltage
Vs. This voltage is obtained by means of an internal charge pump (fig. 14b).
The diode connected in series to the DMOS has been added to avoid undesirable turn on of
it. The introduction of the diode prevents any current can flow from the Vboot pin to the VS
one in case that the supply is quickly turned off when the internal capacitor of the pump is
not fully discharged.
Figure 12.
Typ. (fstart-fmin) vs.
Rfstar @ Cf = 470 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com