Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6598D Datasheet(PDF) 4 Page - STMicroelectronics

Part # L6598D
Description  High voltage resonant controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6598D Datasheet(HTML) 4 Page - STMicroelectronics

  L6598D Datasheet HTML 1Page - STMicroelectronics L6598D Datasheet HTML 2Page - STMicroelectronics L6598D Datasheet HTML 3Page - STMicroelectronics L6598D Datasheet HTML 4Page - STMicroelectronics L6598D Datasheet HTML 5Page - STMicroelectronics L6598D Datasheet HTML 6Page - STMicroelectronics L6598D Datasheet HTML 7Page - STMicroelectronics L6598D Datasheet HTML 8Page - STMicroelectronics L6598D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Electrical characteristics
L6598
4/24
Doc ID 6554 Rev 7
2
Electrical characteristics
VS = 12 V; VBOOT - VOUT = 12 V; TA = 25 °C
Table 4.
Electrical characteristics
Symbol
Pin
Parameter
Test condition
Min.
Typ.
Max.
Unit
Supply voltage
Vsuvp
12
VS turn on threshold
10
10.7
11.4
V
Vsuvn
VS turn off threshold
7.3
8
8.7
V
Vsuvh
Supply voltage under
voltage hysteresis
2.7
V
Vcl
Supply voltage clamping
14.6
15.6
16.6
V
Isu
Start up current
VS < Vsuvn
250
µA
Iq
Quiescent current, fout =
60 kHz, no load
VS > Vsuvp
2
3
mA
High voltage section
Ibootleak
16
BOOT pin leakage
current
VBOOT = 580 V
5
µA
Ioutleak
14
OUT pin leakage current
VOUT = 562 V
5
µA
RDSon
16
Bootstrap driver on
resistance
100
150
300
Ω
High/low side drivers
Ihvgso
15
High side driver source
current
VHVG-VOUT = 0
170
250
mA
Ihvgsi
High side driver sink
current
VHVG-VBOOT = 0
300
450
mA
Ilvgso
11
Low side driver source
current
VLVG-GND = 0
170
250
mA
Ilvgsi
Low side driver sink
current
VLVG -VS = 0
300
450
mA
trise
15,11
Low/high side output rise
time
Cload = 1nF
80
120
ns
tfall
Cload = 1nF
40
80
ns
Oscillator
DC
14
Output duty cycle
48
50
52
%
fmin
Minimum output
oscillation frequency
Cf = 470pF;
Rfmin = 50kΩ
58.2
60
61.8
kHz
fstart
Soft start output
oscillation frequency
Cf = 470pF; Rfmin =
50k
Ω; R
fstart = 47kΩ
114
120
126
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com