Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA2058EX Datasheet(PDF) 11 Page - STMicroelectronics

Part # STA2058EX
Description  TESEO™ GPS platform high-sensitivity baseband
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA2058EX Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STA2058EX Datasheet HTML 7Page - STMicroelectronics STA2058EX Datasheet HTML 8Page - STMicroelectronics STA2058EX Datasheet HTML 9Page - STMicroelectronics STA2058EX Datasheet HTML 10Page - STMicroelectronics STA2058EX Datasheet HTML 11Page - STMicroelectronics STA2058EX Datasheet HTML 12Page - STMicroelectronics STA2058EX Datasheet HTML 13Page - STMicroelectronics STA2058EX Datasheet HTML 14Page - STMicroelectronics STA2058EX Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
STA2058
Electrical characteristic
11/20
4
Electrical characteristic
4.1
DC electrical characteristic
V33 = 3.3 V ± 10 %, TA = -40 / 85 °C unless otherwise specified.
Table 4.
DC electrical characteristic
Symbol
Parameter
Test conditions
Value
Min.
Typ.
Max.
Unit
VIH
Input high level CMOS
With or w/o hysteresis
0.7V33
V
Input high level
P0.15 (WAKEUP) only
1.8
V
VIL
Input low level CMOS
With or w/o hysteresis
0.3V33
V
Input low level
P0.15 (WAKEUP) only
0.7
V
VHYS
Input hysteresis CMOS
Schmitt trigger
0.4
0.8
1.2
V
Input hysteresis
Schmitt trigger
P0.15 (WAKEUP) only
0.3
0.5
V
VOH
Output high level
high current pins
Push Pull, IOH= 8mA
V33-0.8
Output high level
standard current pins
Push Pull, IOH= 4mA
V33-0.8
VOL
Output low level
standard current pins
Push Pull, IOH= 8mA
0.4
V
Push Pull, IOH= 4mA
0.4
V
RWPU
Weak pull-up resistor
Measured at 0.5V33
100
k
Ω
RWPD
Weak pull-down resistor
Measured at 0.5V33
100
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com