Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA2058EX Datasheet(PDF) 12 Page - STMicroelectronics

Part # STA2058EX
Description  TESEO™ GPS platform high-sensitivity baseband
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA2058EX Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STA2058EX Datasheet HTML 8Page - STMicroelectronics STA2058EX Datasheet HTML 9Page - STMicroelectronics STA2058EX Datasheet HTML 10Page - STMicroelectronics STA2058EX Datasheet HTML 11Page - STMicroelectronics STA2058EX Datasheet HTML 12Page - STMicroelectronics STA2058EX Datasheet HTML 13Page - STMicroelectronics STA2058EX Datasheet HTML 14Page - STMicroelectronics STA2058EX Datasheet HTML 15Page - STMicroelectronics STA2058EX Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
Electrical characteristic
STA2058
12/20
4.2
AC electrical characteristics
Note:
IDDRUN
is the consumption in applications exploiting the full performances of the core. A
typical GPS application would run at 33MHz, at the maximum frequency (66MHz) the power
consumption is IDDRUN = 150 mA (typ).
In WFI mode the VReg and Flash are ON to guarantees the minimum interrupt response
time.
4.3
nRSTIN input filter characteristics
V33 = 3.3 V ± 10 %, TA = -40 / 85 °C unless otherwise specified.
Table 5.
AC electrical characteristics
V33 = 3.3 V ± 10 %, TA = 27 °C unless otherwise specified.
Symbol
Mode
System clock
Value
Unit
Min.
Typ.
Max.
IDDRUN
RUN mode
33 MHz system clock
60
mA
IDDWFI
WFI mode
1 MHz system clock
5
mA
IDDLP
LPWFI mode
32 kHz system clock
300
µA
IDDSTP
STOP mode
Main VReg off, Flash in power-down
200
µA
IDDSB1
STANDBY_1 mode
LP VReg and 32kHz Osc on
15
30
µA
IDDSB0
STANDBY_0 mode
LP VReg, LVD, 32kHz Osc bypassed
3
10
µA
Table 6.
AC electrical characteristics
V33 = 3.3 V ± 10%, TA = -40 / 85 °C unless otherwise specified.
Symbol
Mode
System clock
Value
Unit
Min.
Typ.
Max.
FCPU
CPU max frequency
Executing from RAM or EMI
66
MHz
FMAX
Flash max frequency Executing from Flash
60
MHz
Table 7.
nRSTIN input filter characteristics
Symbol
Mode
System clock
Value
Unit
Min.
Typ.
Max.
tFR
nRSTIN input filtered pulse
100
ns
tNFR
nRSTIN input not filtered pulse
1.2
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com