Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG45FC Datasheet(PDF) 39 Page - Intel Corporation

Part # DG45FC
Description  Technical Product Specification
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DG45FC Datasheet(HTML) 39 Page - Intel Corporation

Back Button DG45FC Datasheet HTML 35Page - Intel Corporation DG45FC Datasheet HTML 36Page - Intel Corporation DG45FC Datasheet HTML 37Page - Intel Corporation DG45FC Datasheet HTML 38Page - Intel Corporation DG45FC Datasheet HTML 39Page - Intel Corporation DG45FC Datasheet HTML 40Page - Intel Corporation DG45FC Datasheet HTML 41Page - Intel Corporation DG45FC Datasheet HTML 42Page - Intel Corporation DG45FC Datasheet HTML 43Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 88 page
background image
39
2
Technical Reference
2.1
Memory Map
2.1.1
Addressable Memory
The board utilizes 4 GB of addressable system memory. Typically the address space
that is allocated for PCI Express configuration space, BIOS (SPI Flash), and chipset
overhead resides above the top of DRAM (total system memory). On a system that
has 4 GB of system memory installed, it is not possible to use all of the installed
memory due to system address space being allocated for other system critical
functions. These functions include the following:
•
BIOS/ SPI Flash (32 Mbits)
•
Local APIC (19 MB)
•
Direct Media Interface (40 MB)
•
Front side bus interrupts (17 MB)
•
PCI Express configuration space (256 MB)
•
GMCH base address registers, internal graphics ranges, PCI Express ports (up to
512 MB)
•
Memory-mapped I/O that is dynamically allocated for PCI Express add-in cards
•
Base graphics memory support (1 MB or 8 MB)
•
Intel® Management Engine Interface (Intel® MEI) single channel (8 MB) or dual
channel (16 MB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com