Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG45FC Datasheet(PDF) 49 Page - Intel Corporation

Part # DG45FC
Description  Technical Product Specification
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DG45FC Datasheet(HTML) 49 Page - Intel Corporation

Back Button DG45FC Datasheet HTML 45Page - Intel Corporation DG45FC Datasheet HTML 46Page - Intel Corporation DG45FC Datasheet HTML 47Page - Intel Corporation DG45FC Datasheet HTML 48Page - Intel Corporation DG45FC Datasheet HTML 49Page - Intel Corporation DG45FC Datasheet HTML 50Page - Intel Corporation DG45FC Datasheet HTML 51Page - Intel Corporation DG45FC Datasheet HTML 52Page - Intel Corporation DG45FC Datasheet HTML 53Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 88 page
background image
Technical Reference
49
2.2.2.4
Power Supply Connectors
The board has the following power supply connectors:
•
Main power – a 2 x 12 connector. This connector is compatible with 2 x 10
connectors previously used on Intel Desktop boards. The board supports the use
of ATX12V power supplies with either 2 x 10 or 2 x 12 main power cables. When
using a power supply with a 2 x 10 main power cable, attach that cable on the
rightmost pins of the main power connector, leaving pins 11, 12, 23, and 24
unconnected.
•
Processor core power – a 2 x 2 connector. This connector provides power
directly to the processor voltage regulator and must always be used. Failure to do
so will prevent the board from booting.
Table 20. Processor Core Power Connector
Pin
Signal Name
Pin
Signal Name
1
Ground
2
Ground
3
+12 V
4
+12 V
Table 21. Main Power Connector
Pin
Signal Name
Pin
Signal Name
1
+3.3 V
13
+3.3 V
2
+3.3 V
14
-12 V
3
Ground
15
Ground
4
+5 V
16
PS-ON# (power supply remote on/off)
5
Ground
17
Ground
6
+5 V
18
Ground
7
Ground
19
Ground
8
PWRGD (Power Good)
20
No connect
9
+5 V (Standby)
21
+5 V
10
+12 V
22
+5 V
11
+12 V (Note)
23
+5 V (Note)
12
2 x 12 connector detect (Note)
24
Ground (Note)
Note: When using a 2 x 10 power supply cable, this pin will be unconnected.
For information about
Refer to
Power supply considerations
Section 2.5.1, page 56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com