Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF6401PHT Datasheet(PDF) 1 Page - Motorola, Inc

Part # MRF6401PHT
Description  NPN Silicon RF Power Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF6401PHT Datasheet(HTML) 1 Page - Motorola, Inc

  MRF6401PHT Datasheet HTML 1Page - Motorola, Inc MRF6401PHT Datasheet HTML 2Page - Motorola, Inc MRF6401PHT Datasheet HTML 3Page - Motorola, Inc MRF6401PHT Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
MRF6401 PHOTOMASTER
MOTOROLA RF DEVICE DATA
The RF Line
NPN Silicon
RF Power Transistor
Figure 1. 1600 – 2000 MHz Broadband Application Amplifier Schematic
C1
1.5 pF, ATC Chip Capacitor 100A
C2
3.9 pF, ATC Chip Capacitor 100A
C3
56 pF, ATC Chip Capacitor 100A
C4, C6, C7, C9
15 nF, Chip Capacitor 0805
C5
47 pF, ATC Chip Capacitor 100A
C8
4.7
µF, 35 V, Capacitor
C10
10
µF, 16 V, Capacitor
C11
100 pF, ATC Chip Capacitor 100A
Q1
Transistor, BCV62
R2
470
Ω, Chip Resistor 0805
R3
4.7 k
Ω, Chip Resistor 0805
R4
8.2 k
Ω, Chip Resistor 0805
R5
5 k
Ω, SMD Potentiometer
R6
680
Ω, Chip Resistor 0805
R7, R8
7.5
Ω, Chip Resistor 0805
TL1 to TL11
µStrip Lines; See Photomaster
TP1
µStrip Taper; See Photomaster
R4
R5
R6
R2
R3
C9
R7
R8
+
–
C4
C3
C10
TL10
TL4
TL1
TL2
TL3
TL4
TP1
C1
DUT
TL5
TL7
TL9
C2
TL8
TL6
C5
C6
TL11
C7
C8
VCC
RF
OUTPUT
RF
INPUT
Q1
Order this document
by MRF6401PHT/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MRF6401
PHOTOMASTER
CASE 305C–02, STYLE 1
SOE200–PILL
© Motorola, Inc. 1995


Similar Part No. - MRF6401PHT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF6401 MOTOROLA-MRF6401 Datasheet
111Kb / 6P
RF LINEAR POWER TRANSISTOR
More results

Similar Description - MRF6401PHT

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE346 NTE-NTE346 Datasheet
23Kb / 2P
Silicon NPN Transistor RF Power Transistor
logo
Tyco Electronics
MRF16030 MACOM-MRF16030 Datasheet
133Kb / 5P
RF POWER TRANSISTOR NPN SILICON
MRF429 MACOM-MRF429 Datasheet
163Kb / 5P
RF POWER TRANSISTOR NPN SILICON
logo
Advanced Semiconductor
BLV30 ASI-BLV30 Datasheet
13Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRF315A ASI-MRF315A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV. A
ASIS50-28 ASI-ASIS50-28 Datasheet
20Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRA0610-18A ASI-MRA0610-18A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
CM45-28 ASI-CM45-28 Datasheet
15Kb / 1P
NPN SILICON RF POWER TRANSISTOR
BM30-12 ASI-BM30-12 Datasheet
60Kb / 1P
NPN SILICON RF POWER TRANSISTOR
B25-28 ASI-B25-28 Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com