Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FVT-2002 Datasheet(PDF) 3 Page - Level One

Part # FVT-2002
Description  10/100BASE-TX to 100BASE-FX MMF ST Converter,
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LVL1 [Level One]
Direct Link  http://www.level1.com/
Logo LVL1 - Level One

FVT-2002 Datasheet(HTML) 3 Page - Level One

  FVT-2002 Datasheet HTML 1Page - Level One FVT-2002 Datasheet HTML 2Page - Level One FVT-2002 Datasheet HTML 3Page - Level One FVT-2002 Datasheet HTML 4Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DIP Switch 2: Transmission Mode
DIP Switch 3: Auto/Force the UTP port work mode
DIP Switch 4: 10/100M for UTP port
DIP Switch 5: Full/Half Duplex mode for UTP port
DIP Switch 6: Normally close
Environment
Temperature (°C):
Storage: -40 ~75 °C
Operating: -10 ~ 55 °C
Humidity (Non-condensing):
5 ~ 90 %
Others
Approval and Compliance:
CE, FCC
Deployment:
Desk, wall and chassis mounted
도표
www.level1.com
Page 3 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com