Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FVT-2002 Datasheet(PDF) 1 Page - Level One

Part # FVT-2002
Description  10/100BASE-TX to 100BASE-FX MMF ST Converter,
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LVL1 [Level One]
Direct Link  http://www.level1.com/
Logo LVL1 - Level One

FVT-2002 Datasheet(HTML) 1 Page - Level One

  FVT-2002 Datasheet HTML 1Page - Level One FVT-2002 Datasheet HTML 2Page - Level One FVT-2002 Datasheet HTML 3Page - Level One FVT-2002 Datasheet HTML 4Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FVT-2002 하드웨어 버전: 1
10/100BASE-TX to 100BASE-FX MMF ST Converter,
2km
The FVT-2002 MMF ST media converter is able to convert network signals between copper and fiber-optic based
networks. The converter provides a 10/100Base-TX RJ-45 port, supports full duplex and half duplex switch
connectivity and 10Base-T and 100Base-TX auto-sensing. Used in multi-mode with fibre-optic cabling, this can
extend a network range up to 2 km.
The device features built-in Dip switches for easy converter configuration, which function on the Smart LFP (Link
Fault Pass-through), allowing the converter to monitor both the fiber and copper ports for signal loss, as well as
converter transmission method, auto-negotiation mode for adjusting copper speed and full & half duplex mode.
The FVT-2002 is able to operate in temperatures from -10° up to 55° Celsius. The converter can be used as a
standalone unit or as a slide-in module to the CHV-2000 19” Converter Chassis, which can accommodate up to 14
units for use in a central wiring closet.
Key Features
- Transfers data from 10/100Base-TX copper to fiber interfaces
- Multi-mode fiber with ST connector for transmission of up to 2km
- Built-in LFP (Link Fault Pass-through) Technology
- 신뢰성 있는 데이터 전송을 위해 IEEE 802.3x 플로우 제어가 패킷 손실을 방지
www.level1.com
Page 1 of 4


Similar Part No. - FVT-2002

ManufacturerPart #DatasheetDescription
logo
Level One
FVT-2001 LVL1-FVT-2001 Datasheet
652Kb / 4P
10/100BASE-TX to 100BASE-FX MMF SC Converter, 2km
More results

Similar Description - FVT-2002

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TP112 ETC-TP112 Datasheet
114Kb / 8P
100Base-TX/FX Converter
IP113ALF ETC2-IP113ALF Datasheet
270Kb / 22P
10 /100Base-Tx/Fx Media Converter
logo
Level One
FVT-2001 LVL1-FVT-2001 Datasheet
652Kb / 4P
10/100BASE-TX to 100BASE-FX MMF SC Converter, 2km
FVT-2201 LVL1-FVT-2201 Datasheet
645Kb / 4P
10/100BASE-TX to 100BASE-FX SMF SC Converter, 20km
FVT-2401 LVL1-FVT-2401 Datasheet
644Kb / 4P
10/100BASE-TX to 100BASE-FX SMF SC Converter, 40km
logo
Axiomtek Co., Ltd.
EL100 AXIOMTEK-EL100 Datasheet
542Kb / 3P
10/100BASE-TX to 100BASE-FX Media Converter
logo
Level One
FVT-0103TXFC LVL1-FVT-0103TXFC Datasheet
386Kb / 3P
10/100BASE-TX to 100BASE-FX MMF SC PoE PD Converter, 2km
logo
THOR communications
F-FE-TR THOR-F-FE-TR Datasheet
366Kb / 2P
Enhanced 10/100Base-TX to 100Base-FX Media Converter
logo
Axiomtek Co., Ltd.
EL900 AXIOMTEK-EL900_17 Datasheet
835Kb / 4P
Hardened 10/100BASE-TX to 100BASE-FX Media Converter
EL1141 AXIOMTEK-EL1141_17 Datasheet
696Kb / 4P
IEC61850/IEEE1613 Hardened 10/100BASE-TX to 100BASE-FX Media Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com