Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2422 Datasheet(PDF) 13 Page - SMSC Corporation

Part # USB2422
Description  2-Port USB 2.0 Hi-Speed Hub Controller
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2422 Datasheet(HTML) 13 Page - SMSC Corporation

Back Button USB2422 Datasheet HTML 9Page - SMSC Corporation USB2422 Datasheet HTML 10Page - SMSC Corporation USB2422 Datasheet HTML 11Page - SMSC Corporation USB2422 Datasheet HTML 12Page - SMSC Corporation USB2422 Datasheet HTML 13Page - SMSC Corporation USB2422 Datasheet HTML 14Page - SMSC Corporation USB2422 Datasheet HTML 15Page - SMSC Corporation USB2422 Datasheet HTML 16Page - SMSC Corporation USB2422 Datasheet HTML 17Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 51 page
background image
2-Port USB 2.0 Hi-Speed Hub Controller
Datasheet
SMSC USB2422
13
Revision 1.0 (06-04-13)
DATASHEET
17
SUSP_IND
I/O12
Suspend Indicator:
Indicates the USB state of the hub.
negated : unconfigured, or configured and in USB Suspend
asserted : Hub is configured, and is active (i.e., not in suspend)
LOCAL_PWR
Local Power:
This input selects whether the hub reports itself as bus or self-powered
when dynamic power switching is enabled via the Dynamic Power
Enable (DYNAMIC) bit of the Configuration Data Byte 2 Register
(CFG2). This pin is sampled at POR/Reset before the USB Hub Attach
command is sent. Once the hub has entered the attach state (as
indicated by the USB Attach and Write Protect (USB_ATTACH) bit of
the Status/Command Register (STCD)), this pin cannot be changed.
Low : self/local power source is not available (i.e., the Hub gets all
power from the upstream USB VBus).
High : self/local power source is available.
Note:
Never tie this pin directly to VDD33, as doing so may cause
it to act as SUSP_IND.
Note:
This pin assumes the meaning of local power input only if
properly configured via SMBus. If the hub is configured via
straps, it is NON_REM0 at reset and SUSP_IND after reset.
(NON_REM0)
Non-Removable Port Strap Option:
This pin is sampled (in conjunction with SUSP_IND/NON_REM0) at
RESET_N negation to determine if ports [2:1] contain permanently
attached (non-removable) devices:
NON_REM[1:0] = 00: all ports are removable
NON_REM[1:0] = 01: port 1 is non-removable
NON_REM[1:0] = 10: ports 1 and 2 are non-removable
NON_REM[1:0] = 11: reserved
See Section 2.5, "Strap Pin Configuration" for details.
POWER, GROUND, and NO CONNECTS
1
9
18
VDD33
3.3 V power to the chip.
A 1.0
μF low-ESR capacitor to VSS is required on pin 9 as close as
possible to the pin. A 0.1
μF low-ESR capacitor to VSS is required on
pin 1 as close as possible to the pin.
10
CRFILT
VDD Core Regulator Filter Capacitor:
This pin requires a 1.0
μF low-ESR capacitor to VSS for proper
operation.
23
PLLFILT
PLL Regulator Filter Capacitor:
This pin can have up to a 0.1
μF low-ESR capacitor to VSS, or be left
unconnected.
VSS
Ground Pad/ePad:
The package slug is the only VSS for the device and must be tied to
ground with multiple vias.
Table 2.2 USB2422 Pin Descriptions (continued)
PIN
#
SYMBOL
BUFFER
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com