Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2422 Datasheet(PDF) 21 Page - SMSC Corporation

Part # USB2422
Description  2-Port USB 2.0 Hi-Speed Hub Controller
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2422 Datasheet(HTML) 21 Page - SMSC Corporation

Back Button USB2422 Datasheet HTML 17Page - SMSC Corporation USB2422 Datasheet HTML 18Page - SMSC Corporation USB2422 Datasheet HTML 19Page - SMSC Corporation USB2422 Datasheet HTML 20Page - SMSC Corporation USB2422 Datasheet HTML 21Page - SMSC Corporation USB2422 Datasheet HTML 22Page - SMSC Corporation USB2422 Datasheet HTML 23Page - SMSC Corporation USB2422 Datasheet HTML 24Page - SMSC Corporation USB2422 Datasheet HTML 25Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 51 page
background image
2-Port USB 2.0 Hi-Speed Hub Controller
Datasheet
SMSC USB2422
21
Revision 1.0 (06-04-13)
DATASHEET
7. The PLL is halted.
4.2.1.1
Hub Configuration Timing for Strapping Option
Figure 4.1 Hub Configuration Timing
Note: All power supplies must have reached the operating levels mandated in Chapter 5, DC
Parameters, prior to (or coincident with) the assertion of RESET_N.
4.2.2
USB Bus Reset
In response to the upstream port signaling a reset to the hub, the hub does the following:
1. Sets default address to 0.
2. Sets configuration to unconfigured.
3. The PRTPWR power to downstream devices is turned on when battery charging is enabled for a
specific port, and removed when battery charging is disabled for a specific port.
4. Clears all TT buffers.
5. Moves device from suspended to active (if suspended).
Table 4.2 Hub Configuration Timing
NAME
DESCRIPTION
MIN
TYP
MAX
UNITS
t1
RESET_N asserted
1
μsec
t2
Strap setup time
16.7
nsec
t3
Strap hold time
16.7
1400
nsec
t4
Hub outputs driven to inactive logic states
1.5
2
μsec
t5
USB attach (See Note)
3
μsec
t6
Host acknowledges attach and signals USB reset
100
msec
t7
USB idle
undefined
msec
t8
Completion time for requests (with or without data
stage)
5
msec
t1
t4
t5
t6
t7
t8
Valid
Driven by Hub if strap is an output
RESET_N
VSS
NON_REM[1:0]
VSS
Hardware
reset asserted
Read
NON_REM[1:0]
Drive Strap
Outputs to
inactive levels
Attach
USB
Upstream
Attach
Debounce
Interval
Idle
Start completion
request response
t2
t3
Don’t Care
Don’t Care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com