Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2532 Datasheet(PDF) 25 Page - SMSC Corporation

Part # USB2532
Description  USB 2.0 Hi-Speed 2-Port Hub Controller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2532 Datasheet(HTML) 25 Page - SMSC Corporation

Back Button USB2532 Datasheet HTML 21Page - SMSC Corporation USB2532 Datasheet HTML 22Page - SMSC Corporation USB2532 Datasheet HTML 23Page - SMSC Corporation USB2532 Datasheet HTML 24Page - SMSC Corporation USB2532 Datasheet HTML 25Page - SMSC Corporation USB2532 Datasheet HTML 26Page - SMSC Corporation USB2532 Datasheet HTML 27Page - SMSC Corporation USB2532 Datasheet HTML 28Page - SMSC Corporation USB2532 Datasheet HTML 29Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 60 page
background image
USB 2.0 Hi-Speed 2-Port Hub Controller
Datasheet
SMSC USB2532
25
Revision 1.0 (06-17-13)
DATASHEET
Chapter 6 Device Configuration
The device supports a large number of features (some mutually exclusive), and must be configured in
order to correctly function when attached to a USB host controller. The hub can be configured either
internally or externally depending on the implemented interface.
SMSC provides a comprehensive software programming tool, Pro-Touch, for configuring the USB2532
functions, registers and OTP memory. All configuration is to be performed via the Pro-Touch
programming tool. For additional information on the Pro-Touch programming tool, contact your local
SMSC sales representative.
6.1
Configuration Method Selection
The CFG_SEL[1:0] configuration straps and the SDA pin are used to determine the hub configuration
method, as shown in Table 6.1. The software reads the SDA pin and the CFG_SEL[1:0] bits and
configures the system appropriately.
Note: Refer to Chapter 7, "Device Interfaces," on page 30 for detailed information on each device
configuration interface.
6.2
Customer Accessible Functions
The following USB or SMBus accessible functions are available to the customer via the SMSC Pro-
Touch Programming Tool.
Note: For additional programming details, refer to the SMSC Pro-Touch Programming Tool User
Manual.
Table 6.1 Hub Configuration Selection
SDA
CFG_SEL1
CFG_SEL0
DESCRIPTION
X
0
0
Configuration is based on the configuration strap options and
internal OTP settings. This configuration sets the device Self
powered operation.
0
0
1
Invalid
X
1
0
Configuration based on the configuration strap options and
internal OTP settings. This configuration sets the device for Bus
powered operation.
0
1
1
Firmware performs a configuration load from 2-wire (I2C)
EEPROM. The device does not perform an SMBus Master
detection. Configuration is controlled by EEPROM values and
OTP settings. Strap options are disabled.
1
X
1
Firmware must wait for configuration from an SMBus Master.
Configuration is controlled by SMBus Master and OTP settings.
Strap options are disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com