Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2532 Datasheet(PDF) 33 Page - SMSC Corporation

Part # USB2532
Description  USB 2.0 Hi-Speed 2-Port Hub Controller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2532 Datasheet(HTML) 33 Page - SMSC Corporation

Back Button USB2532 Datasheet HTML 29Page - SMSC Corporation USB2532 Datasheet HTML 30Page - SMSC Corporation USB2532 Datasheet HTML 31Page - SMSC Corporation USB2532 Datasheet HTML 32Page - SMSC Corporation USB2532 Datasheet HTML 33Page - SMSC Corporation USB2532 Datasheet HTML 34Page - SMSC Corporation USB2532 Datasheet HTML 35Page - SMSC Corporation USB2532 Datasheet HTML 36Page - SMSC Corporation USB2532 Datasheet HTML 37Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 60 page
background image
USB 2.0 Hi-Speed 2-Port Hub Controller
Datasheet
SMSC USB2532
33
Revision 1.0 (06-17-13)
DATASHEET
Table 7.2 Upstream Battery Charging Detection Control Register
UP_BC_DET
(0x30E2 - RESET= 0x02)
UPSTREAM BATTERY CHARGING REGISTER
BIT
NAME
R/W
DESCRIPTION
7:5
CHARGER_TYPE
R/W
Read Only.
This field indicates the result of the automatic charger detection. Values
reported depend on EnhancedChrgDet bit setting in Upstream Battery
Charger Mode Register.
If EnhancedChrgDet = 1
000 = Charger Detection is not complete.
001 = DCP - Dedicated Charger Port
010 = CDP – Charging Downstream Port
011 = SDP – Standard Downstream Port
100 = Apple Low Current Charger
101 = Apple High Current Charger
110 = Apple Super High Current Charger
111 = Charger Detection Disabled
If EnhancedChrgDet = 0
000 = Charger Detection is not complete.
001 = DCP/CDP – Dedicated Charger or Charging Downstream Port
010 = Reserved
011 = SDP – Standard Downstream Port
100 = Apple Low Current Charger
101 = Apple High Current Charger
110 = Apple Super High Current Charger
111 = Charger Detection Disabled
4
CHGDET_COMPLETE
R
Indicates Charger Detection has been run and is completed. This bit is
negated when START_CHG_DET is asserted high.
3
Reserved
R/W
Reserved for debugging
2:1
CHG_DET[1:0]
R
Indicates encoded status of what chargers or status has been detected
according to the settings in the Charge Detect Mask Register. It can be
used to determine what current can be drawn from the upstream USB
port.
00 = No selected Chargers or Status identified
01 = 100ma (VBUS detect without enumeration)
10 = 500ma (Device enumerated, Set Config seen)
11 = 1000+ma (Charger detected)
The actual current amount for the charger will be system dependent
0
START_CHG_DET
R/W
Manually Initiates a USB battery charger detection sequence at the time
of assertion. This bit must not be set while hub is in operation. This bit
is cleared automatically when the manual battery charger detection
sequence is completed.
0 = Write: No Effect / Read: Battery Charger Detection Sequence
Completed or not run.
1 = Write: Start Battery Charger Detection / Read: Battery Charger
Detection Sequence is running



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com