Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3813 Datasheet(PDF) 35 Page - SMSC Corporation

Part # USB3813
Description  USB 2.0 Hi-Speed 3-Port Hub Controller Optimized for Portable Applications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3813 Datasheet(HTML) 35 Page - SMSC Corporation

Back Button USB3813 Datasheet HTML 31Page - SMSC Corporation USB3813 Datasheet HTML 32Page - SMSC Corporation USB3813 Datasheet HTML 33Page - SMSC Corporation USB3813 Datasheet HTML 34Page - SMSC Corporation USB3813 Datasheet HTML 35Page - SMSC Corporation USB3813 Datasheet HTML 36Page - SMSC Corporation USB3813 Datasheet HTML 37Page - SMSC Corporation USB3813 Datasheet HTML 38Page - SMSC Corporation USB3813 Datasheet HTML 39Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 68 page
background image
USB 2.0 Hi-Speed 3-Port Hub Controller Optimized for Portable Applications
Datasheet
SMSC USB3813
35
Revision 1.0 (06-17-13)
DATASHEET
7.2.2
Pull-Up Resistors for I2C
The circuit board designer is required to place external pull-up resistors (10 k
Ω recommended) on the
SDA & SCL signals (per SMBus 1.0 Specification) to Vcc in order to assure proper operation.
7.3
SMBus Slave Interface
The USB3813 includes an integrated SMBus slave interface, which can be used to access internal
device run time registers or program the internal OTP memory. SMBus detection is accomplished by
detection of pull-up resistors (10 K
Ω recommended) on both the SMBDATA and SMBCLK signals. To
disable the SMBus, a pull-down resistor of 10 K
Ω must be applied to SMBDATA. The SMBus interface
can be used to configure the device as detailed in Section 6.1, "Configuration Method Selection," on
page 24.
Note: All device configuration must be performed via the SMSC Pro-Touch Programming Tool. For
additional information on the Pro-Touch programming tool, contact your local SMSC sales
representative.
7.3.1
SMBus Run Time Accessible Registers
Table 7.1 provides a summary of the SMBus accessible run time registers. Each register is detailed in
the subsequent tables.
Note: The SMBus page register must be configured to allow the SOC to access the proper register
space. Refer to Section 7.3.2, "Run Time SMBus Page Register," on page 48 for details.
Table 7.1 SMBus Accessible Run Time Registers
NAME
XDATA
ADDR
UP_BC_DET
0x30E2
Table 7.2, "Upstream Battery Charging Detection Control Register"
UP_CUST_BC_CTL
0x30E3
Table 7.3, "Upstream Custom Battery Charger Control Register"
UP_CUST_BC_STAT
0x30E4
Table 7.4, "Upstream Custom Battery Charger Status Register"
PORT_PWR_STAT
0x30E5
Table 7.5, "Port Power Status Register"
OCS_STAT
0x30E6
Table 7.6, "OCS Status Register"
INT_STATUS
0x30E8
Table 7.7, "Serial Port Interrupt Status Register"
INT_MASK
0x30E9
Table 7.8, "Serial Port Interrupt Mask Register"
BC_CHG_MODE
0x30EC
Table 7.9, "Upstream Battery Charger Mode Register"
CHG_DET_MSK
0x30ED
Table 7.10, "Charge Detect Mask Register"
CFGP
0x30EE
Table 7.11, "Configure Portable Hub Register"
PSELSUSP
0x318B
Table 7.12, "Port Select and Low-Power Suspend Register"
CONNECT_CFG
0x318E
Table 7.13, "Connect Configuration Register"
BC_CTL_1 (Upstream)
0x6100
Table 7.14, "Upstream (Port 0) Battery Charging Control 1 Register"
BC_CTL_2
(Upstream)
0x6101
Table 7.15, "Upstream (Port 0) Battery Charging Control 2 Register"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com