Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3813 Datasheet(PDF) 8 Page - SMSC Corporation

Part # USB3813
Description  USB 2.0 Hi-Speed 3-Port Hub Controller Optimized for Portable Applications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3813 Datasheet(HTML) 8 Page - SMSC Corporation

Back Button USB3813 Datasheet HTML 4Page - SMSC Corporation USB3813 Datasheet HTML 5Page - SMSC Corporation USB3813 Datasheet HTML 6Page - SMSC Corporation USB3813 Datasheet HTML 7Page - SMSC Corporation USB3813 Datasheet HTML 8Page - SMSC Corporation USB3813 Datasheet HTML 9Page - SMSC Corporation USB3813 Datasheet HTML 10Page - SMSC Corporation USB3813 Datasheet HTML 11Page - SMSC Corporation USB3813 Datasheet HTML 12Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 68 page
background image
USB 2.0 Hi-Speed 3-Port Hub Controller Optimized for Portable Applications
Datasheet
Revision 1.0 (06-17-13)
8
SMSC USB3813
DATASHEET
VariSense, which controls the USB receiver sensitivity enabling programmable levels of USB signal
receive sensitivity. This capability allows operation in a sub-optimal system environment, such as when
a captive USB cable is used.
The USB3813 is available in commercial (0°C to +70°C) and industrial (-40°C to +85°C) temperature
range versions.
1.1
Block Diagram
Figure 1.1 details the internal block diagram of the USB3813.
Figure 1.1 System Block Diagram
VDD33
Flex
PHY
USB
Upstream
Hub Logic
& Repeater
Controller
SIE
Serial
Interface
PLL
RefClk
To I2C Master/Slave
or EEPROM
Routing & Port Re-Ordering Logic
Scl
Sda
Port Controller
HSIC
Down or
Upstream
VDDCR12
Multi-
TT
USB
Downstream
USB
Downstream
1.2V Reg
ResetN
VBAT
3.3V Reg
VDDCOREREG
IntN
AddrSel
RefSel
USB
Upstream
Battery
Charger
Detection
ChgDetN
Up or Downstream
CPU
COMPLEX
JTAG/
SPI/
GPIO
JTAG
HSIC
Swap
Port
USB
Port
USB
Port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com