Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8564A_1308 Datasheet(PDF) 47 Page - NXP Semiconductors

Part # PCF8564A_1308
Description  Real time clock and calendar
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8564A_1308 Datasheet(HTML) 47 Page - NXP Semiconductors

Back Button PCF8564A_1308 Datasheet HTML 40Page - NXP Semiconductors PCF8564A_1308 Datasheet HTML 41Page - NXP Semiconductors PCF8564A_1308 Datasheet HTML 42Page - NXP Semiconductors PCF8564A_1308 Datasheet HTML 43Page - NXP Semiconductors PCF8564A_1308 Datasheet HTML 44Page - NXP Semiconductors PCF8564A_1308 Datasheet HTML 45Page - NXP Semiconductors PCF8564A_1308 Datasheet HTML 46Page - NXP Semiconductors PCF8564A_1308 Datasheet HTML 47Page - NXP Semiconductors PCF8564A_1308 Datasheet HTML 48Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 47 / 48 page
background image
PCF8564A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 3 — 26 August 2013
47 of 48
NXP Semiconductors
PCF8564A
Real time clock and calendar
26. Figures
Fig 1.
Block diagram of PCF8564A . . . . . . . . . . . . . . . . .3
Fig 2.
Pinning diagram of PCF8564A . . . . . . . . . . . . . . .4
Fig 3.
Interrupt scheme . . . . . . . . . . . . . . . . . . . . . . . . . .8
Fig 4.
Voltage low detection . . . . . . . . . . . . . . . . . . . . . . .9
Fig 5.
Data flow for the time function . . . . . . . . . . . . . . .12
Fig 6.
Access time for read/write operations . . . . . . . . .13
Fig 7.
Alarm function block diagram. . . . . . . . . . . . . . . .15
Fig 8.
STOP bit functional diagram . . . . . . . . . . . . . . . .18
Fig 9.
STOP bit release timing . . . . . . . . . . . . . . . . . . . .18
Fig 10. POR override sequence . . . . . . . . . . . . . . . . . . .20
Fig 11. Bit transfer . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .21
Fig 12. Definition of START and STOP conditions. . . . . .21
Fig 13. System configuration . . . . . . . . . . . . . . . . . . . . . .22
Fig 14. Acknowledgment on the I2C-bus . . . . . . . . . . . . .22
Fig 15. Slave address . . . . . . . . . . . . . . . . . . . . . . . . . . .23
Fig 16. Master transmits to slave receiver
(WRITE mode) . . . . . . . . . . . . . . . . . . . . . . . . . . .23
Fig 17. Master reads word after setting word address
(write word address; READ data) . . . . . . . . . . . .24
Fig 18. Master reads slave immediately after first byte
(READ mode) . . . . . . . . . . . . . . . . . . . . . . . . . . .24
Fig 19. Interface watchdog timer . . . . . . . . . . . . . . . . . . .25
Fig 20. Device diode protection diagram . . . . . . . . . . . . .26
Fig 21. IDD as a function of VDD . . . . . . . . . . . . . . . . . . . .30
Fig 22. IDD as a function of VDD . . . . . . . . . . . . . . . . . . . .30
Fig 23. IDD as a function of temperature . . . . . . . . . . . . .30
Fig 24. Frequency deviation as a function of VDD . . . . . .30
Fig 25. I2C-bus timing waveforms . . . . . . . . . . . . . . . . . .32
Fig 26. Application diagram . . . . . . . . . . . . . . . . . . . . . . .32
Fig 27. Bare die outline of PCF8564AU/x . . . . . . . . . . . .33
Fig 28. Bare die outline of PCF8564AUG/x . . . . . . . . . . .35
Fig 29. Alignment marks of all PCF8564A types . . . . . . .37
Fig 30. Wafer layout of PCF8564A . . . . . . . . . . . . . . . . .39
Fig 31. Film Frame Carrier (FFC) for 6 inch wafer
(PCF8564AU/10AB/1) . . . . . . . . . . . . . . . . . . . . .40
Fig 32. Film Frame Carrier (FFC) for 8 inch wafer
(PCF8564AUG/12HB/1) . . . . . . . . . . . . . . . . . . .41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com