Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8564A_1308 Datasheet(PDF) 15 Page - NXP Semiconductors

Part # PCF8564A_1308
Description  Real time clock and calendar
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8564A_1308 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button PCF8564A_1308 Datasheet HTML 11Page - NXP Semiconductors PCF8564A_1308 Datasheet HTML 12Page - NXP Semiconductors PCF8564A_1308 Datasheet HTML 13Page - NXP Semiconductors PCF8564A_1308 Datasheet HTML 14Page - NXP Semiconductors PCF8564A_1308 Datasheet HTML 15Page - NXP Semiconductors PCF8564A_1308 Datasheet HTML 16Page - NXP Semiconductors PCF8564A_1308 Datasheet HTML 17Page - NXP Semiconductors PCF8564A_1308 Datasheet HTML 18Page - NXP Semiconductors PCF8564A_1308 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 48 page
background image
PCF8564A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 3 — 26 August 2013
15 of 48
NXP Semiconductors
PCF8564A
Real time clock and calendar
The generation of interrupts from the alarm function is controlled via bit AIE. If bit AIE is
enabled, the INT pin follows the condition of bit AF. AF will remain set until cleared by
command. Once AF has been cleared, it will only be set again when the time increments
to match the alarm condition once more. Alarm registers which have their AEN_x bit at
logic 1 are ignored.
8.7 Register CLKOUT_ctrl and clock output
A programmable square wave is available at pin CLKOUT. Operation is controlled by the
FE bit in register CLKOUT_ctrl at address 0Dh and the CLKOUT output enable pin
(CLKOE). To enable pin CLKOUT pin CLKOE must be set HIGH.
Frequencies of 32.768 kHz (default), 1.024 kHz, 32 Hz, and 1 Hz can be generated for
use as a system clock, microcontroller clock, input to a charge pump, or for calibration of
the oscillator.
(1) Only when all enabled alarm settings are matching.
It’s only on increment to a matched case that the alarm flag is set, see Section 8.6.5.
Fig 7.
Alarm function block diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com