Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA30JC5 Datasheet(PDF) 4 Page - Rohm

Part # BA30JC5
Description  1.5A Variable/Fixed Output LDO Regulators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA30JC5 Datasheet(HTML) 4 Page - Rohm

  BA30JC5 Datasheet HTML 1Page - Rohm BA30JC5 Datasheet HTML 2Page - Rohm BA30JC5 Datasheet HTML 3Page - Rohm BA30JC5 Datasheet HTML 4Page - Rohm BA30JC5 Datasheet HTML 5Page - Rohm BA30JC5 Datasheet HTML 6Page - Rohm BA30JC5 Datasheet HTML 7Page - Rohm BA30JC5 Datasheet HTML 8Page - Rohm BA30JC5 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4/13
BAxxJC5 Series(Fixed)
BA00JC5WT(Variable)
Datasheet
TSZ02201-0R6R0A600140-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
www.rohm.com
14.Feb.2012 Rev.001
●Electrical Characteristics - continued
BA00JC5WT
Unless otherwise specified, Ta = 25℃, Vcc = 3.3 V, VCTL = 3 V, Vo=2.5V
Parameter
Symbol
Limit
Unit
Conditions
Min.
Typ.
Max.
Shut Down Current
Isd
-
0
10
μA
VCTL=0V, Io=0mA (OFF MODE)
Bias Current
Ib
-
0.5
0.9
mA
Io=0mA
C pin Voltage
Vc
1.237
1.250
1.263
V
Io=50mA
Dropout Voltage1
ΔVd
-
0.3
0.5
V
Io=500mA, Vcc=2.5V
Peak Output
Io
1.5
-
-
A
Ripple Rejection
R.R.
45
55
-
dB
f=120Hz, ein*9=-20dBV
Io=100mA
Line Regulation
Reg.I
-
5
60
mV
Vcc=4.5V→16V, Io=200mA
Load Regulation
Reg.L
-
5
60
mV
Io=5mA→1.5A
Temperature Coefficient of
Output Voltage *10
Tcvo
-
±0.02
-
%/℃
Io=5mA,Tj=0~125℃
Output Short Current
Ios
-
0.6
-
A
Vcc=16V
CTL ON Mode Voltage
Vth1
2.0
-
-
V
ACTIVE MODE, Io=0mA
CTL OFF Mode Voltage
Vth2
-
-
0.8
V
OFF MODE, Io=0mA
CTL Input Current
Iin
40
80
130
μA
Io=0mA
*9
ein=Input Voltage Ripple
*10
Not 100% tested



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com