Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA30JC5 Datasheet(PDF) 7 Page - Rohm

Part # BA30JC5
Description  1.5A Variable/Fixed Output LDO Regulators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA30JC5 Datasheet(HTML) 7 Page - Rohm

Back Button BA30JC5 Datasheet HTML 3Page - Rohm BA30JC5 Datasheet HTML 4Page - Rohm BA30JC5 Datasheet HTML 5Page - Rohm BA30JC5 Datasheet HTML 6Page - Rohm BA30JC5 Datasheet HTML 7Page - Rohm BA30JC5 Datasheet HTML 8Page - Rohm BA30JC5 Datasheet HTML 9Page - Rohm BA30JC5 Datasheet HTML 10Page - Rohm BA30JC5 Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7/13
BAxxJC5 Series(Fixed)
BA00JC5WT(Variable)
Datasheet
TSZ02201-0R6R0A600140-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
www.rohm.com
14.Feb.2012 Rev.001
●Typical Performance Curves - continued
Fig.14
Thermal Shutdown Circuit
(Io = 5 mA)
Fig.12
CTL Voltage vs Output Voltage
Fig.11
Circuit Current Classified by Load
Fig.13
CTL Voltage vs CTL Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com