Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8564AU Datasheet(PDF) 20 Page - NXP Semiconductors

Part # PCF8564AU
Description  Real time clock and calendar
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8564AU Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button PCF8564AU Datasheet HTML 16Page - NXP Semiconductors PCF8564AU Datasheet HTML 17Page - NXP Semiconductors PCF8564AU Datasheet HTML 18Page - NXP Semiconductors PCF8564AU Datasheet HTML 19Page - NXP Semiconductors PCF8564AU Datasheet HTML 20Page - NXP Semiconductors PCF8564AU Datasheet HTML 21Page - NXP Semiconductors PCF8564AU Datasheet HTML 22Page - NXP Semiconductors PCF8564AU Datasheet HTML 23Page - NXP Semiconductors PCF8564AU Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 48 page
background image
PCF8564A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 3 — 26 August 2013
20 of 48
NXP Semiconductors
PCF8564A
Real time clock and calendar
[1]
Registers marked ‘x’ are undefined at power-on and unchanged by subsequent resets.
8.11.1 Power-On Reset (POR) override
The POR duration is directly related to the crystal oscillator start-up time. Due to the long
start-up times experienced by these types of circuits, a circuit has been implemented to
disable the POR and speed up functional test of the module. The setting of this mode
requires that the I2C signals on the pins SDA and SCL are toggled as illustrated in
Figure 10. All timings shown are required minimums.
Once the override mode has been entered, the chip immediately stops, being reset, and
normal operation may begin, i.e., entry into the EXT_CLK test mode via I2C access. The
override mode may be cleared by writing logic 0 to TESTC. TESTC must be set to logic 1
before re-entry into the override mode is possible. Setting TESTC to logic 0 during normal
operation has no effect, except to prevent entry into the POR override mode.
Table 28.
Register reset values[1]
Address
Register name
Bit
7
6
5
4
3
2
1
0
00h
Control_1
00001000
01h
Control_2
00000000
02h
Seconds
1
xxxxxxx
03h
Minutes
xxxxxxxx
04h
Hours
xxxxxxxx
05h
Days
xxxxxxxx
06h
Weekdays
xxxxxxxx
07h
Months
xxxxxxxx
08h
Years
xxxxxxxx
09h
Minute_alarm
1
xxxxxxx
0Ah
Hour_alarm
1
xxxxxxx
0Bh
Day_alarm
1
xxxxxxx
0Ch
Weekday_alarm
1
xxxxxxx
0Dh
CLKOUT_ctrl
1
xxxxx0
0
0Eh
Timer_ctrl
0
xxxxx1
1
0Fh
Timer
xxxxxxxx
Allow 500 ns between the edges of either signal.
Fig 10. POR override sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com