Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8564AU Datasheet(PDF) 27 Page - NXP Semiconductors

Part # PCF8564AU
Description  Real time clock and calendar
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8564AU Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button PCF8564AU Datasheet HTML 23Page - NXP Semiconductors PCF8564AU Datasheet HTML 24Page - NXP Semiconductors PCF8564AU Datasheet HTML 25Page - NXP Semiconductors PCF8564AU Datasheet HTML 26Page - NXP Semiconductors PCF8564AU Datasheet HTML 27Page - NXP Semiconductors PCF8564AU Datasheet HTML 28Page - NXP Semiconductors PCF8564AU Datasheet HTML 29Page - NXP Semiconductors PCF8564AU Datasheet HTML 30Page - NXP Semiconductors PCF8564AU Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 48 page
background image
PCF8564A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 3 — 26 August 2013
27 of 48
NXP Semiconductors
PCF8564A
Real time clock and calendar
13. Limiting values
[1]
Pass level; Human Body Model (HBM) according to Ref. 5 “JESD22-A114”.
[2]
Pass level; Machine Model (MM), according to Ref. 6 “JESD22-A115”.
[3]
Pass level; latch-up testing, according to Ref. 7 “JESD78” at maximum ambient temperature (Tamb(max)).
[4]
According to the NXP store and transport conditions (see Ref. 11 “UM10569”) the devices have to be stored at a temperature of +5
C
to +45
C and a humidity of 25 % to 75 %.
Table 29.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDD
supply voltage
0.5
+6.5
V
VI
input voltage
0.5
+6.5
V
VO
output voltage
0.5
+6.5
V
IDD
supply current
50.0
+50.0
mA
II
input current
10.0
+10.0
mA
IO
output current
10.0
+10.0
mA
ISS
ground supply current
50.0
+50.0
mA
Ptot
total power dissipation
-
300
mW
VESD
electrostatic
discharge voltage
HBM
[1] -
3500
V
MM
[2] -
250
V
Ilu
latch-up current
all pins but OSCI
[3] -100
mA
Tstg
storage temperature
[4]
65
+150
C
Tamb
ambient temperature
operating device
40
+85
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com