Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF6414PHT Datasheet(PDF) 1 Page - Motorola, Inc

Part # MRF6414PHT
Description  NPN Silicon RF Power Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF6414PHT Datasheet(HTML) 1 Page - Motorola, Inc

  MRF6414PHT Datasheet HTML 1Page - Motorola, Inc MRF6414PHT Datasheet HTML 2Page - Motorola, Inc MRF6414PHT Datasheet HTML 3Page - Motorola, Inc MRF6414PHT Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
MRF6414 PHOTOMASTER
MOTOROLA RF DEVICE DATA
The RF Line
NPN Silicon
RF Power Transistor
C9
P1
T2
Figure 1. 960 MHz Test Circuit Schematic
C1, C3
100 pF, Chip Capacitor, Hight Q
C2, C7
330 pF, Chip Capacitor, 0805
C5, C8
10 nF, Chip Capacitor, 0805
C6
15
mF, Capacitor, 63 V
C9
100
mF, Capacitor, 16 V
D1, D2
Diode 1N4007
P1
1 k
Ω, Trimmer
R1
1 k
Ω, Resistor
R2
58
Ω, Resistor, 0805
T1
MRF6414
T2
Transistor NPN Type SD135
C8
C7
C1
R2
RF INPUT
50
W
C2
D1
D2
T1
C3
C4
C5
C6
RF OUTPUT
50
W
+VCC
R1
Order this document
by MRF6414PHT/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MRF6414
PHOTOMASTER
CASE 333A– 02, STYLE 2
© Motorola, Inc. 1995


Similar Part No. - MRF6414PHT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF6414 MOTOROLA-MRF6414 Datasheet
108Kb / 6P
RF POWER TRANSISTOR NPN SILICON
More results

Similar Description - MRF6414PHT

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE346 NTE-NTE346 Datasheet
23Kb / 2P
Silicon NPN Transistor RF Power Transistor
logo
Tyco Electronics
MRF16030 MACOM-MRF16030 Datasheet
133Kb / 5P
RF POWER TRANSISTOR NPN SILICON
MRF429 MACOM-MRF429 Datasheet
163Kb / 5P
RF POWER TRANSISTOR NPN SILICON
logo
Advanced Semiconductor
BLV30 ASI-BLV30 Datasheet
13Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRF315A ASI-MRF315A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV. A
ASIS50-28 ASI-ASIS50-28 Datasheet
20Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRA0610-18A ASI-MRA0610-18A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
CM45-28 ASI-CM45-28 Datasheet
15Kb / 1P
NPN SILICON RF POWER TRANSISTOR
BM30-12 ASI-BM30-12 Datasheet
60Kb / 1P
NPN SILICON RF POWER TRANSISTOR
B25-28 ASI-B25-28 Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com