Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF6414PHT Datasheet(PDF) 2 Page - Motorola, Inc

Part # MRF6414PHT
Description  NPN Silicon RF Power Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF6414PHT Datasheet(HTML) 2 Page - Motorola, Inc

  MRF6414PHT Datasheet HTML 1Page - Motorola, Inc MRF6414PHT Datasheet HTML 2Page - Motorola, Inc MRF6414PHT Datasheet HTML 3Page - Motorola, Inc MRF6414PHT Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MRF6414 PHOTOMASTER
2
MOTOROLA RF DEVICE DATA
Figure 2. 960 MHz PC Board Photomaster
(SCALE 1:1)
TEST CIRCUIT @ f = 960 MHz
TEFLON® GLASS 1/50 INCH Er = 2.55
Figure 3. 960 MHz Test Circuit Components Layout
C9
C8
C7
INPUT
OUTPUT
MRF6414
C1
C2
C6
C4
C5
C3
FB



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com