Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DB2X4100L Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # DB2X4100L
Description  Silicon epitaxial planar type For high frequency rectification
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

DB2X4100L Datasheet(HTML) 1 Page - Panasonic Semiconductor

  DB2X4100L Datasheet HTML 1Page - Panasonic Semiconductor DB2X4100L Datasheet HTML 2Page - Panasonic Semiconductor DB2X4100L Datasheet HTML 3Page - Panasonic Semiconductor DB2X4100L Datasheet HTML 4Page - Panasonic Semiconductor DB2X4100L Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Product Standards
Schottky Barrier Diode
DB2X41400L
Absolute Maximum Ratings Ta = 25
C
Note: *1 For embedded alumina substrate
*2 50 Hz sine wave 1 cycle (Non-repetitive peak current)
Page
°C
-55 to +125
Storage temperature
Tstg
-40 to
Topr
Internal Connection
A
Unit
Parameter
Symbol
Rating
Repetitive peak reverse voltage
VRRM
40
V
1of 4
Unit: mm
2. Anode
Forward current (Average) IF(AV) = 2 A rectification is possible
Low forward voltage VF
Halogen-free / RoHS compliant
(EU RoHS / UL-94 V-0 / MSL:Level 1 compliant)
Marking Symbol:
DB2X41400L
Silicon epitaxial planar type
For high frequency rectification
Features
Code
1. Cathode
SOD-123
Panasonic
Mini2-F4-B
JEITA
SC-109D
4P
Packaging
Embossed type (Thermo-compression sealing) : 3 000 pcs / reel (standard)
VR
40
Non-repetitive peak forward surge current
*2
IFSM
+85
°C
Operating ambient temperature
V
Forward current (Average)
*1
IF(AV)
2
A
15
Reverse voltage
Junction temperature
Tj
125
°C
1
2
1.6
0.8
0.55
0.13
1
2
Doc No. TT4-EA-12043
Revision. 3
Established : 2009-12-21
Revised
: 2013-04-26


Similar Part No. - DB2X4100L

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
DB2X41100L PANASONICBATTERY-DB2X41100L Datasheet
318Kb / 5P
For rectification DB2J411 in Mini2 type package
logo
Panasonic Semiconductor
DB2X41400L PANASONIC-DB2X41400L Datasheet
340Kb / 5P
Silicon epitaxial planar type For high frequency rectification
DB2X41400L PANASONIC-DB2X41400L Datasheet
362Kb / 5P
Silicon epitaxial planar type For high frequency rectification
DB2X41500L PANASONIC-DB2X41500L Datasheet
317Kb / 5P
Silicon epitaxial planar type For frequency rectification
More results

Similar Description - DB2X4100L

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA2SP02 PANASONIC-MA2SP02 Datasheet
56Kb / 3P
Silicon epitaxial planar type For high frequency switch
MA22D23 PANASONIC-MA22D23 Datasheet
76Kb / 3P
Silicon epitaxial planar type For high frequency rectification
MA3X720 PANASONIC-MA3X720 Datasheet
86Kb / 3P
Silicon epitaxial planar type For high frequency rectification
DA2DF62 PANASONIC-DA2DF62 Datasheet
431Kb / 3P
Silicon epitaxial planar type For high frequency rectification
DB24404 PANASONIC-DB24404 Datasheet
482Kb / 3P
Silicon epitaxial planar type For rectification
DB2X41400L PANASONIC-DB2X41400L Datasheet
340Kb / 5P
Silicon epitaxial planar type For high frequency rectification
DB2X41500L PANASONIC-DB2X41500L Datasheet
317Kb / 5P
Silicon epitaxial planar type For frequency rectification
DB2X41400L PANASONIC-DB2X41400L Datasheet
362Kb / 5P
Silicon epitaxial planar type For high frequency rectification
MA2Q73600L PANASONIC-MA2Q73600L Datasheet
241Kb / 3P
Silicon epitaxial planar type For high frequency rectification
DB3J407K PANASONIC-DB3J407K Datasheet
370Kb / 4P
Silicon epitaxial planar type For high frequency retification
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com