Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DB2X4100L Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # DB2X4100L
Description  Silicon epitaxial planar type For high frequency rectification
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

DB2X4100L Datasheet(HTML) 2 Page - Panasonic Semiconductor

  DB2X4100L Datasheet HTML 1Page - Panasonic Semiconductor DB2X4100L Datasheet HTML 2Page - Panasonic Semiconductor DB2X4100L Datasheet HTML 3Page - Panasonic Semiconductor DB2X4100L Datasheet HTML 4Page - Panasonic Semiconductor DB2X4100L Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Product Standards
Schottky Barrier Diode
DB2X41400L
Electrical Characteristics Ta = 25
C  3 C
Note) 1. Measuring methods are based on JAPANESE INDUSTRIAL STANDARD JIS C 7031 Measuring methods for Diodes.
2. This product is sensitive to electric shock (static electricity, etc.). Due attention must be paid on
the charge of a human body and the leakage of current from the operating equipment.
3. *1 trr test circuit
Page
IF = IR = 100 mA, Irr = 10 mA
pF
Reverse recovery time
*1
trr
30
ns
RL = 100 Ω
Terminal capacitance
Ct
μA
200
Reverse current
IR
VR = 40 V
VR = 10 V, f = 1 MHz
Parameter
Symbol
Conditions
0.42
Forward voltage
VF
IF = 2A
Min
Unit
Max
2
70
of 4
Typ
0.49
V
Bias Application Unit (N-50BU)
90%
Pulse Generator
(PG-10N)
Rs = 50 Ω
Wave Form Analyzer
(SAS-8130)
Ri = 50 Ω
tp = 2 μs
tr = 0.35 ns
δ = 0.05
IF = 100 mA
IR = 100 mA
RL = 100 Ω
10%
Irr = 10 mA
tr
tp
trr
VR
IF
t
t
A
Input Pulse
Output Pulse
Doc No. TT4-EA-12043
Revision. 3
Established : 2009-12-21
Revised
: 2013-04-26



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com