Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DB101S Datasheet(PDF) 1 Page - Yea Shin Technology Co., Ltd

Part # DB101S
Description  Glass passivated type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

DB101S Datasheet(HTML) 1 Page - Yea Shin Technology Co., Ltd

  DB101S Datasheet HTML 1Page - Yea Shin Technology Co., Ltd DB101S Datasheet HTML 2Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DATA SHEET
SEMICONDUCTOR
http://www.yeashin.com
1
REV.03 20121001
DB101S THRU DB107S
Glass passivated type
FEATURES
•
Plastic package has Underwriters Laboratory
Flammability Classification 94V-O Utilizing Flame
Retardant Epoxy Molding Compound.
•
For surface mounted applications.
•
Exceeds environmental standards of MIL-S-19500 /228
•
High surge current capability
•
Ideal for printed circuit board
•
High temperature soldering : 260OC / 10 seconds at terminals
•
Pb free product at available : 99% Sn above meet RoHS
environment substance directive request
Mechanical data
•
Case : Molded plastic, DFS
•
Terminals : Solder plated, solderable per MIL-STD-750,
Method 2026
•
Polarity : Marked on body
•
Mounting Position : Any
•
Weight : 0.412 gram
MAXIMUM RATINGS (AT TA=25oC unless otherwise noted)
•
Rating 25 C ambient temperature uniess otherwies specified.
•
Single phase half wave, 60Hz, resistive or inductive load.
•
For capacitive load, derate current by 20%.
PARAMETER
CONDITIONS
Symbol
MIN.
TYP.
MAX.
UNIT
Forward rectified current
See Fig.1
IO
1.0
A
Forward surge current
8.3ms single half sine-wave superimposed on
rate load (JEDEC methode)
IFSM
50
A
VR = VRRM TA = 25oC
10
uA
Reverse current
VR = VRRM TA = 125oC
IR
100
uA
Storage temperature
TSTG
-55
+150
℃
SYMBOLS
MARKING
CODE
V RRM
*1
(V)
V RMS
*2
(V)
V R
*3
(V)
V F
*4
(V)
Operating
temperature
(℃)
DB101S
DB101S
50
35
50
DB102S
DB102S
100
70
100
DB103S
DB103S
200
140
200
DB104S
DB104S
400
280
400
DB105S
DB105S
600
420
600
DB106S
DB106S
800
560
800
DB107S
DB107S
1000
700
1000
1.1
-55 to +150
1 Repetitive peak reverse voltage
2 RMS voltage
3 Continuous reverse voltage
4 Maximum forward voltage
Unit : inch (mm)
SDIP
.
255(6.5)
.
130(3.30)
.
410(10.4)
.0
11(.28)
.0
60(1.524)
.
205(5.2)
.
335(8.51)
.0
45(1.14)
.
245(6.2)
.
094(2.40)
MAX
.0
40(1.106)
.
195(5.0)
.
335(8.05)
.0
35(0.89)
+
~
~


Similar Part No. - DB101S

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
DB101S RECTRON-DB101S Datasheet
20Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
logo
Bytes
DB101S BYTES-DB101S Datasheet
150Kb / 2P
SINGLE PHASE 1.0 AMP SURFACE MOUNT BRIDGE RECTIFIERS
logo
Dc Components
DB101S DCCOM-DB101S Datasheet
424Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SURFACE MOUNT BRIDGE RECTIFIER
logo
Formosa MS
DB101S FORMOSA-DB101S Datasheet
68Kb / 2P
Glass passivated type
logo
List of Unclassifed Man...
DB101S ETC-DB101S Datasheet
61Kb / 2P
Single Phase 1.0 A Glass Passivated Bridge Rectifiers
More results

Similar Description - DB101S

ManufacturerPart #DatasheetDescription
logo
Formosa MS
B05S FORMOSA-B05S Datasheet
69Kb / 2P
Glass passivated type
DB101S FORMOSA-DB101S Datasheet
68Kb / 2P
Glass passivated type
FM201 FORMOSA-FM201 Datasheet
67Kb / 2P
Glass passivated type
FM301 FORMOSA-FM301 Datasheet
68Kb / 2P
Glass passivated type
FM4001-M FORMOSA-FM4001-M Datasheet
67Kb / 2P
Glass passivated type
FM4001 FORMOSA-FM4001 Datasheet
67Kb / 2P
Glass passivated type
SM4001 FORMOSA-SM4001 Datasheet
65Kb / 2P
Glass passivated type
logo
HY ELECTRONIC CORP.
GBU10005 HY-GBU10005 Datasheet
91Kb / 2P
GLASS PASSIVATED GLASS PASSIVATED
logo
Formosa MS
SM4001 FORMOSA-SM4001_13 Datasheet
105Kb / 2P
Glass passivated type
logo
HY ELECTRONIC CORP.
KBP2005G HY-KBP2005G_17 Datasheet
143Kb / 3P
GLASS PASSIVATED GLASS PASSIVATED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com